Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69008 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PD69008
Description  8 Ports Power Over Ethernet Manager
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69008 Datasheet(HTML) 3 Page - Microsemi Corporation

  PD69008 Datasheet HTML 1Page - Microsemi Corporation PD69008 Datasheet HTML 2Page - Microsemi Corporation PD69008 Datasheet HTML 3Page - Microsemi Corporation PD69008 Datasheet HTML 4Page - Microsemi Corporation PD69008 Datasheet HTML 5Page - Microsemi Corporation PD69008 Datasheet HTML 6Page - Microsemi Corporation PD69008 Datasheet HTML 7Page - Microsemi Corporation PD69008 Datasheet HTML 8Page - Microsemi Corporation PD69008 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PD69008 - 8 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
Page 3
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Copyright
© 2009
Rev. 1.0, 2009-03-15
Maximum Ratings ____________
Vmain…………………………………………………-0.3 to 80 V(1)
DGND, AGND, QGND, SENSE_NEG…………..-0.3 to 0.3 V(2)
VPORT_POSx ………………………………..……
-0.3 to 80 V(1)
VPORT_NEGx, REF_PORT_NEG……..………..… -8.4 to 80V(1)
VPORT_POSx - VPORT_NEGx……………..…..……
-0.3 to 80 V(1)
PORT_SENSEx …..……..……..……..………..…-7.2 to 25 V (1)
Gate_x………………………………..………
-0.3 to 18 V
VCC2p5, ADC2p5………….………………………...
.
-0.3 to 3 V
VPERI……………………………..…………………. 4 V
EXT_REG……………………………………..……-0.3 to 6 V
I2CINI, ASICINI…………………………………… -0.3 to 3 V
MISO, MOSI, SCK, SCL, SDA, CLK, RESETN, CS_N, INTERRUPT, POWER_BANK[2..0], LSD, LSC, LSL,
SDA_OUT….…………………………………... -0.3 to (VPERI+ 0.3) V
ESD (Human Body Model)…………….….… -2 to 2 kV(3)
Max junction temperature (Tjunc)…………..…+150
°C
Junction-ambient thermal resistance (θJA)….. 30
° C/W(4)
Junction-case thermal resistance (θJC)………10
° C/W
Lead temperature (soldering, 10 s)…………. 260
° C
Storage temperature…………………………..-40
° to +125° C
Notes
: “x” defines port numbers, 0 thru 3, inclusive.
(1) 80 V is the transient voltage that can be applied for 1 min max.
(2) Maximum value between grounds.
(3) ESD testing is performed in accordance with the Human Body Model (CZap = 100 pF, RZap = 1500 Ω).
(4) with 4ML PCB – no air flow
Stresses beyond those listed above, may cause permanent damage to the device. Exposure to absolute maximum rating conditions for
extended periods, may affect device reliability.
Operating Conditions
____________________________________________
PARAMETER
MIN.
NOM.
MAX.
UNIT
Operating temperature
At full load ambient
-40
+85
° C
Operational limitations (1)
15 to 44
44 to 55
55 to 57
V
(1) Operating functions depend on the input voltage, as shown in Figure 2.
Figure 2: Operational Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com