Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69008 Datasheet(PDF) 9 Page - Microsemi Corporation

Part # PD69008
Description  8 Ports Power Over Ethernet Manager
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69008 Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button PD69008 Datasheet HTML 5Page - Microsemi Corporation PD69008 Datasheet HTML 6Page - Microsemi Corporation PD69008 Datasheet HTML 7Page - Microsemi Corporation PD69008 Datasheet HTML 8Page - Microsemi Corporation PD69008 Datasheet HTML 9Page - Microsemi Corporation PD69008 Datasheet HTML 10Page - Microsemi Corporation PD69008 Datasheet HTML 11Page - Microsemi Corporation PD69008 Datasheet HTML 12Page - Microsemi Corporation PD69008 Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PD69008 - 8 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
Page 9
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Copyright
© 2009
Rev. 1.0, 2009-03-15
PIN NAME:
•
FET_Gx
PAD TYPE:
Analog
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Output voltage
12
15
V
Dynamic Characteristics
The PD69008 utilizes three programmable current level thresholds (Imin, Icut, Ilim) and three timers (Tmin, Tcut, Tlim).
Loads that dissipate more than Icut for longer than Tcut are classified as ‘overloads’ and are automatically shutdown.
Loads that consume Ilim current for more than Tlim are shutdown and classified as 'short circuit state'.
In cases where the PD69008 is configured to operate in DC-Disconnect mode, and the output current is below Imin
for more than Tmin , the PD is classified as ‘no-load’ and is shutdown. In cases where the PD69008 is configured to
operate in AC-Disconnect mode, and the load's impedance is above a pre-defined impedance for more than Tmin,
the PD is classified as ‘no-load’ and is shutdown.
Automatic recovery from overload and no-load conditions is attempted every period of TOVLREC and TUDLREC (typically
5 and 1 seconds, respectively). Output power is limited to Ilim, which is a maximum peak current allowed at the port.
AF Ports Parameters
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Automatic recovery from
overload shutdown
TOVLREC value, measured from port shutdown
(can be modified through control port)
5
s
Automatic recovery from no-load
shutdown
TUDLREC value, measured from port shutdown
(can be modified through control port)
1
s
Cutoff timers accuracy
Typical accuracy of Tcut
4
2
0
ms
Inrush current
IInrsh
For t=50 ms, Cload=180 uF max.
400
450
mA
Output current operating range
Iport
Continuous operation after startup period.
10
375
mA
Output power available,
operating range
Pport
Continuous operation after startup period,
at port output.
0.57
15.4
W
Imin1
Must disconnect for t greater than TUVL
0
5
mA
Off mode current
Imin2
May or may not disconnect for t greater
than TUVL
5
7.5
10
mA
PD power maintenance request
drop-out time limit
TPMDO
Buffer period to handle transitions
300
400
ms
Over load current detection range
Icut
Time limited to TOVL
350
400
mA
Over load time limit
TOVL
50
75
ms
Turn on rise time
Trise
From 10% to 90% of Vport
(Specified for PD load consisting of 100 uF capacitor
in parallel to 200
Ω).
15
us
Turn off time
Toff
From Vport to 2.8 Vdc
500
ms
Time Maintain Power Signature
TMPS
DC modulation time for dc disconnect
49
ms
AC disconnect impedance
Zac
27
600
2000
KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com