Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD69008 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # PD69008
Description  8 Ports Power Over Ethernet Manager
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69008 Datasheet(HTML) 5 Page - Microsemi Corporation

  PD69008 Datasheet HTML 1Page - Microsemi Corporation PD69008 Datasheet HTML 2Page - Microsemi Corporation PD69008 Datasheet HTML 3Page - Microsemi Corporation PD69008 Datasheet HTML 4Page - Microsemi Corporation PD69008 Datasheet HTML 5Page - Microsemi Corporation PD69008 Datasheet HTML 6Page - Microsemi Corporation PD69008 Datasheet HTML 7Page - Microsemi Corporation PD69008 Datasheet HTML 8Page - Microsemi Corporation PD69008 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PD69008 - 8 Ports Power Over Ethernet Manager
Microsemi
Analog Mixed Signal Group
Page 5
2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
Copyright
© 2009
Rev. 1.0, 2009-03-15
PIN NAME:
•
SCK
•
CS_N
•
MOSI
PAD TYPE:
CMOS I/O, TTL Level with internal pull up current source, with Schmitt
trigger Input
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Voltage Hysteresis
0.3
V
Input High Current
IIH
-1
+1
μA
Input Low Current
IIL
-1
+1
μA
High Level Output
Voltage
VPERI-
0.4 V
V
Iout = -2 mA
Low Level Output
Voltage
0.4
V
Iout = 2 mA
Pull up current
10
20
50
uA
PIN NAME:
•
MISO
PAD TYPE:
CMOS I/O, TTL Level with internal pull up current source, with Schmitt
trigger Input
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
Input Voltage Hysteresis
0.3
V
Input High Current
IIH
-1
+1
μA
Input Low Current
IIL
-1
+1
μA
High Level Output
Voltage
VPERI-
0.4V
V
Iout = -2 mA
Low Level Output
Voltage
0.4
V
Iout = 2 mA
Pull down current
10
20
50
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com