Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8144 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8144
Description  Integrated 10-bit Data Acquisition system for Imaging Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8144 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8144 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
WM8144-10
Wolfson Microelectronics
8
Gai n DNL
-5
-4
-3
-2
-1
0
1
2
3
4
5
012345678
Gain
Red
Gr een
Blue
MCLK = 8MHz. Input 2.5V +/ - 100mV . Other 2 are at 2.5V. Colour. Vdd =
Typical Performance
VDD = 5V, GND = 0 V, ........TA = 25oC.
ADC 10 Bit DNL
WM8144 10 Bit DNL Plot
-1
-0.8
-0.6
-0.4
-0.2
0
0. 2
0. 4
0. 6
0. 8
1
0
256
512
768
1024
ADC Code
WM8144 10 Bit INL Plot
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
256
512
768
1024
ADC Code
PGA Gain
0
1
2
3
4
5
6
7
8
0123
45678
Gain
Red
Gr een
Blue
MCLK = 12.3MHz. Input set to 2.5V +/- 100mV. Other 2 are at 2.5V Colo
Gai n DNL
-5
-4
-3
-2
-1
0
1
2
3
4
5
012345678
Gain
Red
Gr een
Blue
MCLK = 12.3MHz . Input 2.5V + /- 100mV. Ot her 2 are at 2.5V. Colour. Vd
PGA Gain
0
1
2
3
4
5
6
7
8
0
123
4
5678
Gain
Red
Gr een
Blue
MCLK = 8MHz. Input set to 2.5V +/- 100mV. Other 2 are at 2.5V Colour.
ADC 10 Bit INL
PGA DNL @ MCLK = 12.3MHz
PGA DNL @ MCLK = 8MHz
PGA Gain Code vs. Actual Gain
@ MCLK = 12.3MHz
PGA Gain Code vs. Actual Gain
@ MCLK = 8MHz
PGA Gain Code
PGA Gain Code
PGA Gain Code
PGA Gain Code
ADC Code
ADC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com