Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8144 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8144
Description  Integrated 10-bit Data Acquisition system for Imaging Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8144 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8144 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
WM8144-10
Wolfson Microelectronics
3
Electrical Characteristics
VDD = 4.75V to 5.25V, GND = 0 V, ........TA = 0oC to +70oC, MLCK = 12MHz unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Current - Active
110.0
150
mA
Supply Current - Standby
10.0
15
mA
Digital Inputs
High Level Input VoltageVIH
0.8*DVDD
V
Low Level Input VoltageVIL
0.2*DVDD
V
High Level Input Current
IIH
1.0
µA
Low Level Input Current
IIL
1.0
µA
Input Capacitance
10.0
pF
Digital Outputs
High Level Output VoltageVOH
IOH = 1.0mA
DVDD-0.75
V
Voltage output range
VOL
IOL = 1.0mA
DGND+0.75
V
High Impedance Output Current
IOZ
1.0 µA
Input Multiplexer
Channel to Channel Gain Matching
0.5
%
Input Video Set-up Time
tVSU
10
ns
Input Video Hold Time
tVH
25
ns
Reset Video Set-up Time
tRSU CDS Mode only
10
ns
Reset Video Hold Time
tRH
CDS Mode only
25
ns
Reference String
Reference Voltage - Top
VRT
VRU = 5.00 V, VRL = 0.00V
3.465
3.5
3.535
V
Reference Voltage - Bottom
VRB
VRU = 5.00 V, VRL = 0.00V
1.465
1.5
1.535
V
DAC Reference Voltage
VMID VRU = 5.00 V, VRL = 0.00V
2.475
2.5
2.525
V
R.L.C. Switch Impedence
200
Ohms
Reset Level Clamp Options
VRLC
VRU = 5.00 V, VRL = 0.00V
1.425
1.5
1.575
V
Voltage set by user
2.375
2.5
2.625
V
configuration - Table 7
3.325
3.5
3.675
V
Impedance VRT to VRB
490
700
910 Ohms
Impedance VRU to VRL
1190
1700
2210 Ohms
8-bit DACs
Resolution
8
Bits
Zero Code Voltage
VDAC -10
VDAC+10
mV
Full Scale Voltage Error
0
10
mV
Differential Non Linearity
DNL
0.1
1 LSB
Integral Non Linearity
INL
0.4
1 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com