Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8144 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8144
Description  Integrated 10-bit Data Acquisition system for Imaging Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8144 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8144 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8144 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
WM8144-10
Wolfson Microelectronics
12
For a white pixel:
VRS = VCL
VVS = VCL - 1.6
For the white pixel, using the same offset DAC value, the
ADC input can be expressed as:
When the VMID is 2.5V, the ADC input voltage becomes
1.7 volts which will result in a code of 102(dec). This is
near the ideal full-scale of 000(dec).
Therefore the output codes from the ADC are between
921(dec) and 102(dec), which implies that the ADC input
has been set up to maximise the dynamic range avail-
able. If a digital representation of the ADC output with a
black level near 000(dec) and a white level near 1023(dec)
is required then the INVOP control bit should now be set
to ONE.
Theory of Operation (Contd)
V
= 1*(V
- V
) + (1 - 2*0) *
*
+ V
ADC
CL
CL
MID
V
= 0 +
* V
+ V
ADC
MID
MID
V
=
* V
ADC
MID
164
VMID
82
337
255
255
255
2
V
= 1*(V
- 1.6 - V
) + (1 - 2*0) *
*
+ V
ADC
CL
CL
MID
V
= -1.6 +
* V
+ V
ADC
MID
MID
V
=
* V
- 1.6
ADC
MID
164
VMID
82
337
255
255
255
2
Example of Gain and Offset Operation
Input Video polarity
negative
Input sampling
CDS
Input voltage amplitude (VVS - VRS)
1.6V
Programmable gain
x1
Clamping
Yes, VCL = 3.5V
After the input capacitor the input to the WM8144-10 can
be represented as:
RS
Vrs
Vvs
VS
Figure 7
For a black pixel:
VRS = VCL
VVS = VCL
Assuming that the offset DAC is set to 00dec:
() (
)
VADC = 1* Vcl - Vcl
VADC
0 + 0 + VMID
VADC = VMID
+−


+
=
120
0
255
2
**
*
VMID
VMID
VMID
An input voltage of VMID corresponds to a code of 512(dec)
from the ADC.
To maximise the dynamic range of the ADC input it is
necessary to program the offset DAC code to move the
ADC code corresponding to the black level towards code
1024(dec).
Hence set the offset DAC to 164(dec) with the sign bit not
set.
When the VMID is 2.5v, the ADC input voltage becomes
3.3 volts which will result in an ADC code of 921(dec).
This is near the ideal full-scale of 1023(dec).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com