Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4207 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 75Page - Cirrus Logic CDB4207 Datasheet HTML 76Page - Cirrus Logic CDB4207 Datasheet HTML 77Page - Cirrus Logic CDB4207 Datasheet HTML 78Page - Cirrus Logic CDB4207 Datasheet HTML 79Page - Cirrus Logic CDB4207 Datasheet HTML 80Page - Cirrus Logic CDB4207 Datasheet HTML 81Page - Cirrus Logic CDB4207 Datasheet HTML 82Page - Cirrus Logic CDB4207 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 144 page
background image
DS880F1
79
CS4207
6.8.5
Connection List Entry
Get Parameter Command Format:
Response Format:
6.8.6
Power States
Get Parameter Command Format:
Set Parameter Command Format:
Response Format:
2
Read Only
0b
D2 is not Supported
1
Read Only
0b
D1 is not Supported
0
Read Only
1b
D0 Supported
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 09h
Verb ID = F02h
Parameter ID = N=00h
Bits
Type
Default
Description
31:24
Read Only
00h
Connection List Entry (N+3):
Returns 00h for N=00h-03h or N>03h.
23:16
Read Only
00h
Connection List Entry (N+2):
Returns 00h for N=00h-03h or N>03h.
15:8
Read Only
00h
Connection List Entry (N+1):
Returns 00h for N=00h-03h or N>03h.
7:0
Read Only
02h
Connection List Entry (N):
Returns 02h (DAC1) for N=00h-03h.
Returns 00h for N>03h.
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 09h
Verb ID = F05h
Parameter ID = 00h
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 09h
Verb ID = 705h
Parameter ID = 0xh
Bits
Type
Default
Description
31:11
Read Only
00000h
Reserved
10
Read Only
1b
Power State Settings Reset(PS-SettingsRe-
set):
This bit is set to ‘1’b when, during any type
of reset or low power state transition, the settings
within this widget that were changed from the
defaults, either by software or hardware, have
been reset back to their default state. When
these settings have not been reset, this is
reported as ‘0’b. This bit is always a ‘1’b follow-
ing a POR condition.
For more information,
see “Power State Settings Reset (PS-Set-
tingsReset)” on p 27
9
Read Only
0b
Power State Clock Stop OK(PS-ClkStopOK):
This bit is not supported and will always return
‘0’b when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com