Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4207 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 35Page - Cirrus Logic CDB4207 Datasheet HTML 36Page - Cirrus Logic CDB4207 Datasheet HTML 37Page - Cirrus Logic CDB4207 Datasheet HTML 38Page - Cirrus Logic CDB4207 Datasheet HTML 39Page - Cirrus Logic CDB4207 Datasheet HTML 40Page - Cirrus Logic CDB4207 Datasheet HTML 41Page - Cirrus Logic CDB4207 Datasheet HTML 42Page - Cirrus Logic CDB4207 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
DS880F1
39
CS4207
Clock stops or if Link Resets are generated before the Unsolicited Response for the state change has
been returned to the host.
•
Reporting of ClkStopOk when stopping of the clock would be permitted. The CLKSTOP is a static ca-
pability with ClkStopOk a dynamic reporting. The setting the capability CLKSTOP to one (1) and not al-
lowing the clock to stop by not reporting ClkStopOk is not permissible. Unless there is a condition or
dependency that the host software cannot be made aware of, that would prohibit stopping the clock, the
ClkStopOk shall be reported as set (1). It is expected that host software will poll the ClkStopOk before
stopping the clock if the CLKSTOP is reported at one (1).
6.3.7
GPIO Capabilities
Get Parameter Command Format:
Response Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 01h
Verb ID = F00h
Parameter ID = 11h
Bits
Type
Default
Description
31
Read Only
0b
GPIOWake;
Does not support GPIO wake func-
tion.
30
Read Only
0b
GPIOUnsol;
Does not support Unsolicited
Response capability.
29:24
Read Only
0h
Reserved
23:16
Read Only
0h
NumGPIs;
is an integer representing the number
of GPI pins supported by the function.
15:8
Read Only
0h
NumGPOs;
is an integer representing the num-
ber of GPOs supported by the function.
7:0
Read Only
4h
NumGPIOs;
is an integer representing the num-
ber of GPIOs supported by the function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com