Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4207 Datasheet(PDF) 86 Page - Cirrus Logic

Part # CDB4207
Description  Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4207 Datasheet(HTML) 86 Page - Cirrus Logic

Back Button CDB4207 Datasheet HTML 82Page - Cirrus Logic CDB4207 Datasheet HTML 83Page - Cirrus Logic CDB4207 Datasheet HTML 84Page - Cirrus Logic CDB4207 Datasheet HTML 85Page - Cirrus Logic CDB4207 Datasheet HTML 86Page - Cirrus Logic CDB4207 Datasheet HTML 87Page - Cirrus Logic CDB4207 Datasheet HTML 88Page - Cirrus Logic CDB4207 Datasheet HTML 89Page - Cirrus Logic CDB4207 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 144 page
background image
86
DS880F1
CS4207
6.9.4
Supported Power States
Get Parameter Command Format:
Response Format:
6.9.5
Connection List Entry
Get Parameter Command Format:
Response Format:
6.9.6
Power States
Get Parameter Command Format:
Set Parameter Command Format:
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = F00h
Parameter ID = 0Fh
Bits
Type
Default
Description
31
Read Only
1b
EPSS Supported.
Indicates that this pin wid-
get supports additional capabilities allowing
better low power operation.
30
Read Only
0b
Reserved
29:5
Read Only
000000h
Reserved
4
Read Only
0b
D4 is not Supported
3
Read Only
1b
D3 is Supported. Since Extended Power States
is also supported, the pin widget will maintain the
ability to generate an Unsolicited Response (if
this function is enabled) while in the D3 state.
2
Read Only
0b
D2 is not Supported
1
Read Only
0b
D1 is not Supported
0
Read Only
1b
D0 Supported
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = F02h
Parameter ID = N=00h
Bits
Type
Default
Description
31:24
Read Only
00h
Connection List Entry (N+3):
Returns 00h for N=00h-03h or N>03h.
23:16
Read Only
00h
Connection List Entry (N+2):
Returns 00h for N=00h-03h or N>03h.
15:8
Read Only
00h
Connection List Entry (N+1):
Returns 00h for N=00h-03h or N>03h.
7:0
Read Only
03h
Connection List Entry (N):
Returns 03h (DAC2) for N=00h-03h.
Returns 00h for N>03h.
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = F05h
Parameter ID = 00h
Bits [31:28]
Bits [27:20]
Bits [19:8]
Bits [7:0]
CAd = X
Node ID = 0Ah
Verb ID = 705h
Parameter ID = 0xh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com