Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8044 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8044
Description  3.3V 600mA Low Dropout Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8044 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8044 Datasheet HTML 1Page - Silicon Standard Corp. SS8044 Datasheet HTML 2Page - Silicon Standard Corp. SS8044 Datasheet HTML 3Page - Silicon Standard Corp. SS8044 Datasheet HTML 4Page - Silicon Standard Corp. SS8044 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS8044
12/31/2006 Rev. 1.01
www.SiliconStandard.com
3
A
DEFINITIONS
Dropout Voltage
The input/output Voltage differential at which the regulator output no longer maintains regulation against further
reductions in input voltage. Measured when the output drops 100mV below its nominal value, dropout voltage is
affected by junction temperature, load current and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input volt- age. The measurement is made under conditions of low
dissipation or by using pulse techniques such that average chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load current at constant chip temperature. The measurement is
made under conditions of low dissipation or by using pulse techniques such that average chip temperature is not
significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip and is not delivered to the load.
RATINGS AND CHARACTERISTIC CURVES
(VIN = +5V , CIN = 10µF, COUT = 10µF, TA = 25°C , unless otherwise specified.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com