Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8044 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8044
Description  3.3V 600mA Low Dropout Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8044 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8044 Datasheet HTML 1Page - Silicon Standard Corp. SS8044 Datasheet HTML 2Page - Silicon Standard Corp. SS8044 Datasheet HTML 3Page - Silicon Standard Corp. SS8044 Datasheet HTML 4Page - Silicon Standard Corp. SS8044 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS8044
12/31/2006 Rev. 1.01
www.SiliconStandard.com
1
3.3V 600mA Low Dropout Regulator
FEATURES
Dropout voltage typically 0.65V @ IO = 600mA.
Output current in excess of 600mA.
Output voltage accuracy +%.
Quiescent current, typically 0.3mA.
Internal short circuit current limit.
Internal over temperature protection.
GENERAL DESCRIPTION
The SS8044 positive 3.3V voltage regulator features the ability
to source 600mA of output current with a dropout voltage of
typically 0.65V. A low quiescent current is provided. The typical
quiescent current is 0.3mA.
Familiar regulator features such as over temperature and over
current protection circuits are provided to prevent it from being
damaged by abnormal operating conditions.
TYPICAL APPLICATIONS
Pb-free; RoHS-compliant
SS8044


Similar Part No. - SS8044

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
3.3V 2A Low-Dropout Regulator with Disable
SS8046TF1TB SSC-SS8046TF1TB Datasheet
344Kb / 7P
3.3V 2A Low-Dropout Regulator with Disable
SS8046TH1TB SSC-SS8046TH1TB Datasheet
344Kb / 7P
3.3V 2A Low-Dropout Regulator with Disable
SS8047 SSC-SS8047 Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
SS8047GT31TB SSC-SS8047GT31TB Datasheet
308Kb / 11P
2.5V 1A Positive Voltage Regulator
More results

Similar Description - SS8044

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G903 GMT-G903 Datasheet
233Kb / 5P
3.3V 600mA Low Dropout Regulator
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G910 GMT-G910_06 Datasheet
408Kb / 10P
3.3V 600mA/250mA Low Dropout Regulator
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
3.3V 600mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G933 GMT-G933 Datasheet
81Kb / 1P
3.3V 600mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
3.3V 600mA/250mA Low Dropout Regulator
G911 GMT-G911_15 Datasheet
86Kb / 1P
3.3V 600mA/250mA Low Dropout Regulator
G903 GMT-G903_15 Datasheet
66Kb / 1P
3.3V 600mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com