Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8044 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8044
Description  3.3V 600mA Low Dropout Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8044 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8044 Datasheet HTML 1Page - Silicon Standard Corp. SS8044 Datasheet HTML 2Page - Silicon Standard Corp. SS8044 Datasheet HTML 3Page - Silicon Standard Corp. SS8044 Datasheet HTML 4Page - Silicon Standard Corp. SS8044 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SS8044
12/31/2006 Rev. 1.01
www.SiliconStandard.com
5
MINIMUM FOOTPRINT
ORODER INFORMATION
SSXXXX(G) XX X X
Packing Type
Pin Option
Package Type
Green Product
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T6: SOT223
1
2
3
U & D : Tape & Reel
1 : VOUT
GND
VIN
T : Tube
2 : VOUT
VIN
GND
B : Bag
3 : GND
VOUT
VIN
4 : GND
VIN
VOUT
5 : VIN
GND
VOUT
6 : VIN
VOUT
GND
Disclaimer
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard
Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or
completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other
intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes
as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability,
functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described
herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard
Corporation or any third parties.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com