Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8046 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS8046
Description  3.3V 2A Low-Dropout Regulator with Disable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8046 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS8046 Datasheet HTML 1Page - Silicon Standard Corp. SS8046 Datasheet HTML 2Page - Silicon Standard Corp. SS8046 Datasheet HTML 3Page - Silicon Standard Corp. SS8046 Datasheet HTML 4Page - Silicon Standard Corp. SS8046 Datasheet HTML 5Page - Silicon Standard Corp. SS8046 Datasheet HTML 6Page - Silicon Standard Corp. SS8046 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
Rev.2.01 6/06/2003
SS8046
Electrical Characteristics
VIN =5V, IO = 0.5A, CIN = 4.7µF, COUT =47µF, TA = TJ = 25°C unless otherwise specified [Note 3]
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
IO =0.5A
3.22
3.3
3.38
V
Line Regulation
4V < VIN < 7V, IO = 10mA
0.5
2
%
Load Regulation
50mA < IO < 2A
0.5
2
%
Quiescent Current
VIN = 5V
5
10
mA
Ripple Rejection
fi = 120Hz, 1VP-P, IO = 100mA
45
dB
Dropout Voltage
IO = 2A
0.5
V
Short Circuit Current
3.8
A
Over Temperature
150
°C
Disable Voltage High
VdisH
Output Active
2.0
V
Disable Voltage Low
VdisL
Output Disabled
0.8
V
Disable Bias Current High
IdisH
Vdis = 2.7V
20
µA
Disable Bias Current Low
IdisL
Vdis = 0.4V
20
µA
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed.
For guaranteed specifications and test conditions see the Electrical Characteristics.
Note 2: The maximum power dissipation is a function of the maximum junction temperature, TJmax , total thermal
resistance,
θ
JA, and ambient temperature TA. The maximum allowable power dissipation at any ambient
temperature is Tjmax-TA /
θ
JA. If this dissipation is exceeded, the die temperature will rise above 150°C
and the device will go into thermal shutdown. For the TO 220 package,
θ
JA is 60°C/W (No heat sink).
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient
as possible.
Note4: The output capacitor should be a tantalum or aluminum type.
Definitions
Dropout Voltage
The input/output voltage differential at which the regu-
lator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 2% below its nominal value, dropout volt-
age is affected by junction temperature, load current
and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load cur-
rent at constant chip temperature. The measurement
is made under conditions of low dissipation or by us-
ing pulse techniques such that average chip tempera-
ture is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com