Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8046 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8046
Description  3.3V 2A Low-Dropout Regulator with Disable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8046 Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS8046 Datasheet HTML 1Page - Silicon Standard Corp. SS8046 Datasheet HTML 2Page - Silicon Standard Corp. SS8046 Datasheet HTML 3Page - Silicon Standard Corp. SS8046 Datasheet HTML 4Page - Silicon Standard Corp. SS8046 Datasheet HTML 5Page - Silicon Standard Corp. SS8046 Datasheet HTML 6Page - Silicon Standard Corp. SS8046 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.SiliconStandard.com
6 of 7
Rev.2.01 6/06/2003
SS8046
Package Outlines
TO 220F-4 Package (short lead)
Note:
1. Lead frame material: TAMAC-4
2. Solder plating thickness: 10
±5µm
3. Package body size include mold flash and gate burr
4. Tolerance
±0.1mm unless otherwise specified
5. End flash Max. 0.05mm
6. Mismatch Max. 0.05mm
7. Misalignment Max. 0.05mm
8. Epoxy molding compound: SUMITOMO 6300H or equivalent
9. Matte finish Ra: 0.2µm~0.8µm top and bottom surface
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
4.42
4.57
4.72
0.174
0.180
0.186
A1
2.69
2.79
2.89
0.106
0.110
0.114
A2
1.68
1.78
1.88
0.066
0.070
0.074
D
10.00
10.10
10.20
0.400
0.404
0.408
E
6.25
6.35
6.45
0.246
0.250
0.254
E1
8.54
8.64
8.74
0.336
0.340
0.344
C
-----
0.48
-----
-----
0.019
-----
e
-----
2.54(TYP)
-----
-----
0.1(TYP)
-----
b
-----
0.635(TYP)
-----
-----
0.025(TYP)
-----
?
4
°
7
°
11
°
4
°
7
°
11
°
D
E
b
E1
2.8
± 0.15
e
A
A1
C
A2
4.8
3.75
D
E
b
E1
2.8
± 0.15
e
A
A1
C
A2
4.8
3.75



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com