Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS8046 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8046
Description  3.3V 2A Low-Dropout Regulator with Disable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8046 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8046 Datasheet HTML 1Page - Silicon Standard Corp. SS8046 Datasheet HTML 2Page - Silicon Standard Corp. SS8046 Datasheet HTML 3Page - Silicon Standard Corp. SS8046 Datasheet HTML 4Page - Silicon Standard Corp. SS8046 Datasheet HTML 5Page - Silicon Standard Corp. SS8046 Datasheet HTML 6Page - Silicon Standard Corp. SS8046 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.SiliconStandard.com
5 of 7
Rev.2.01 6/06/2003
SS8046
Typical Performance Characteristics (continued)
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-40
-20
0
20
40
60
80
100
Temperature (°C)
VIN=5V
VIN=7V
IL=1A
0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
Temperature (°C)
IL=2A
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
-20
0
20
40
60
80
100
Temperature (°C)
VIN=4V
VIN=5V
VIN=6V
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
-40
-20
0
20
40
60
80
100
Temperature (°C)
4V
7V
IL=100mA~1A
Dropout Voltage vs. Temperature
Load Regulation
Output Voltage vs. Temperature
Quiescent Current vs. Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com