Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL855 Datasheet(PDF) 3 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 3 Page - Micronas

  HAL855 Datasheet HTML 1Page - Micronas HAL855 Datasheet HTML 2Page - Micronas HAL855 Datasheet HTML 3Page - Micronas HAL855 Datasheet HTML 4Page - Micronas HAL855 Datasheet HTML 5Page - Micronas HAL855 Datasheet HTML 6Page - Micronas HAL855 Datasheet HTML 7Page - Micronas HAL855 Datasheet HTML 8Page - Micronas HAL855 Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Contents
Page
Section
Title
Micronas
Nov. 26, 2008; DSH000149_003EN
3
DATA SHEET
HAL855
5
1.
Introduction
5
1.1.
Major Applications
5
1.2.
Features
6
1.3.
Marking Code
6
1.4.
Operating Junction Temperature Range (TJ)
6
1.5.
Hall Sensor Package Codes
6
1.6.
Solderability and Welding
6
1.7.
Pin Connections and Short Descriptions
7
2.
Functional Description
7
2.1.
General Function
9
2.2.
Digital Signal Processing and EEPROM
13
2.3.
Calibration Procedure
13
2.3.1.
General Procedure
14
2.3.2.
Example: Calibration of an Angle Sensor
16
3.
Specifications
16
3.1.
Outline Dimensions
20
3.2.
Dimensions of Sensitive Area
20
3.3.
Position of Sensitive Areas
20
3.4.
Absolute Maximum Ratings
21
3.4.1.
Storage and Shelf Life
21
3.5.
Recommended Operating Conditions
22
3.6.
Characteristics
24
3.6.1.
Specification of Biphase-M Output
25
3.7.
Magnetic Characteristics
26
3.8.
Diagnosis Functions
27
4.
Application Notes
27
4.1.
Use of Two HAL855 in Parallel Operation
27
4.2.
Measurement of a PWM Output Signal
28
4.3.
Measurement of a Biphase-M Output Signal
28
4.4.
Temperature Compensation
29
4.5.
Ambient Temperature
30
4.6.
EMC and ESD
30
4.7.
Start-Up Behavior
30
4.7.1.
First Operation (Power-Up)
31
4.7.2.
Operation after Reset in Biphase-M Mode with Provide Part Number Option Enabled
32
4.7.3.
Power-Down Operation
32
4.7.4.
Power Drop Operation
33
5.
Programming of the Sensor
33
5.1.
Definition of Programming Telegram
33
5.2.
Definition of the Telegram
37
5.3.
Telegram Codes
38
5.4.
Number Formats
38
5.5.
Register Information
40
5.6.
Programming Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com