Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL855 Datasheet(PDF) 10 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 10 Page - Micronas

Back Button HAL855 Datasheet HTML 6Page - Micronas HAL855 Datasheet HTML 7Page - Micronas HAL855 Datasheet HTML 8Page - Micronas HAL855 Datasheet HTML 9Page - Micronas HAL855 Datasheet HTML 10Page - Micronas HAL855 Datasheet HTML 11Page - Micronas HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
HAL855
DATA SHEET
10
Nov. 26, 2008; DSH000149_003EN
Micronas
Mode
The MODE register consists of four “sub”-registers
defining the magnetic and output behavior of the sen-
sor. The RANGE bits are the three lowest bits of the
MODE register; they define the magnetic field range of
the A/D converter. The next three bits (FILTER) define
the
−3 dB frequency of the digital low pass filter. The
next sub-register is the FORMAT register, and it
defines the different output formats as described
below. This sub-register also consists of 3 bits. The
last three MSBs define the OUTPUT PERIOD of the
PWM signal.
Range
Filter
Output Format
The HAL855 provides two different output formats: a
PWM and Biphase-M output.
PMW output is a pulse width modulated output. The
signal is defined by the ratio of pulse width to pulse
period.
The Biphase-M output is a serial protocol. A logical “0”
is coded as no output level change within the bit time.
A logical “1” is coded as an output level change
between 50% and 80% of the bit time. After each bit,
an output level change occurs (see Section 3.6.1. on
page 24).
Output Period
The OUTPUT PERIOD register defines the PWM
period of the output signal.
Table 2–1: RANGE register definition
Magnetic Field Range
Bit Setting
−30 mT...30 mT
0
−40 mT...40 mT
4
−60 mT...60 mT
5
−75 mT...75 mT
1
−80 mT...80 mT
6
−90 mT...90 mT
2
−100 mT...100 mT
7
−150 mT...150 mT
3
Table 2–2: FILTER register definition
−3 dB Frequency
Bit Setting
80 Hz
0
160 Hz
1
500 Hz
2
1kHz
3
2kHz
4
Table 2–3: OUTPUT FORMAT register definition
Output Format
Bit Setting
PWM
2
Biphase-M
41)
Biphase-M (test)
52)
1) In case of OUTPUT FORMAT = 4 the continuous
Biphase-M output will be active after locking the
device. In order to test the Biphase-M output with
non-locked sensors OUTPUT FORMAT = 5 has
to be used.
2) writing OUTPUT FORMAT = 5 will activate the
Biphase-M output for test purpose. The test can
be deactivated by switching the device off.
Table 2–4: OUTPUT PERIOD register definition
PWM Output Period
Bit Setting
128 ms; 12-bit resolution
0
64 ms; 12-bit resolution
1
32 ms; 12-bit resolution
2
16 ms; 12-bit resolution
3
8 ms; 12-bit resolution
4
4 ms; 11-bit resolution
5
2 ms; 10-bit resolution
6
1 ms; 9-bit resolution
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com