Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL855 Datasheet(PDF) 12 Page - Micronas

Part # HAL855
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL855 Datasheet(HTML) 12 Page - Micronas

Back Button HAL855 Datasheet HTML 8Page - Micronas HAL855 Datasheet HTML 9Page - Micronas HAL855 Datasheet HTML 10Page - Micronas HAL855 Datasheet HTML 11Page - Micronas HAL855 Datasheet HTML 12Page - Micronas HAL855 Datasheet HTML 13Page - Micronas HAL855 Datasheet HTML 14Page - Micronas HAL855 Datasheet HTML 15Page - Micronas HAL855 Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
HAL855
DATA SHEET
12
Nov. 26, 2008; DSH000149_003EN
Micronas
Digital Output
This 12-bit register delivers the actual digital value of
the applied magnetic field after the signal processing.
This register can only be read out, and it is the basis
for the calibration procedure of the sensor in the sys-
tem environment.
Offset Correction
The OFFSET CORRECTION register allows to adjust
the digital offset of the built-in A/D-converter. The digi-
tal offset can be programmed to
−3/4, −1/2, −1/4, 0,
+1/4, +1/2, +3/4 of full-scale.
Slew Rate
The SLEW RATE register is a “sub”-register of the
CURRENTSOURCE register. The output fall time of
the HAL855 depends on the SLEW RATE register set-
ting and the external load circuit.
Note: The output rise time is purely due to the external
load and is not controlled by the SLEW RATE
register.
Note: The slew rate can be programmed to optimize
the EMI behavior of the application.
Table 2–6: OFFSET CORRECTION register definition
Offset Correction
Bit Setting
−3/4
28
−1/2
29
−1/4
30
00
1/4
17
1/2
18
3/4
19
Table 2–7: SLEW RATE register definition
Typ. Slew Rate
(3.6 k
Ω pull-up, 4.7 nF)
Bit Setting
0.3 µs
0
0.8 µs
1
1.2 µs
2
1.5 µs
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com