Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL856 Datasheet(PDF) 29 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 29 Page - Micronas

Back Button HAL856 Datasheet HTML 25Page - Micronas HAL856 Datasheet HTML 26Page - Micronas HAL856 Datasheet HTML 27Page - Micronas HAL856 Datasheet HTML 28Page - Micronas HAL856 Datasheet HTML 29Page - Micronas HAL856 Datasheet HTML 30Page - Micronas HAL856 Datasheet HTML 31Page - Micronas HAL856 Datasheet HTML 32Page - Micronas HAL856 Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DATA SHEET
HAL856
Micronas
March 23, 2010; DSH000142_002EN
29
4. Application Notes
Micronas recommends the following application cir-
cuits for HAL856.
It is recommended to connect a ceramic 4.7 nF capac-
itor between ground and the supply voltage. Further-
more it is recommended to place a 30
Ω resistor in the
supply voltage line.
Fig. 4–1: Application circuit HAL856
To use the HAL856 over the full temperature and sup-
ply voltage range and with all available high current
levels, Micronas recommends using a current mirror or
special interface devices. Fig. 4–2 shows an example
using a current mirror.
Fig. 4–2: Application circuit with current mirror
A special interface device could be, for example, the
MAXIM MAX9921 (Dual, 2-Wire Hall-Effect Sensor
Interface with Diagnostics) chip. With these interface
ICs, together with HAL 856, a single-wire interface is
possible.
Note: The third sensor pin should be floating or con-
nected to the GND line.
4.1. Measurement of a PWM Output Signal
In case that the PWM output mode is activated, the
magnetic field information is coded in the duty cycle of
the PWM signal. The duty cycle is defined as the ratio
between the high time “s” and the period “d” of the
PWM signal (see Fig. 4–3).
Note: The PWM signal is updated with the falling
edge. Hence, for signal evaluation, the trigger-
level must be the falling edge of the PWM sig-
nal.
Fig. 4–3: Definition of PWM signal
4.2. Measurement of a Biphase-M Output Signal
In order to read the Biphase-M signal Micronas sug-
gests to use a port interrupt which is configured to gen-
erate interrupts with both the falling and rising edge of
the incoming signal.
With each interrupt a timer shall be read out. The first
two edges (SYNC bit) define the bit time tp0. Compar-
ing subsequent timer readouts with tp0 successively
decodes the Biphase-M pattern.
CP = 4.7 nF
1
2
3
VDD
GND
Vbattery = 8 V...18 V
Rsense = 120 Ω
RP = 30 Ω
System side
Sensor side
VDD
1
2
3
HAL856
µC
VRef
T1
T2
RR
4.7 nF
Update
Out
time
IDD,high
IDD,low
d
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com