Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL856 Datasheet(PDF) 7 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 7 Page - Micronas

Back Button HAL856 Datasheet HTML 3Page - Micronas HAL856 Datasheet HTML 4Page - Micronas HAL856 Datasheet HTML 5Page - Micronas HAL856 Datasheet HTML 6Page - Micronas HAL856 Datasheet HTML 7Page - Micronas HAL856 Datasheet HTML 8Page - Micronas HAL856 Datasheet HTML 9Page - Micronas HAL856 Datasheet HTML 10Page - Micronas HAL856 Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DATA SHEET
HAL856
Micronas
March 23, 2010; DSH000142_002EN
7
2. Functional Description
2.1. General Function
The HAL856 is a monolithic integrated circuit which
provides an output signal proportional to the magnetic
flux through the Hall plate.
The external magnetic field component perpendicular
to the branded side of the package generates a Hall
voltage. The Hall IC is sensitive to magnetic north and
south polarity. This voltage is converted to a digital
value, processed in the Digital Signal Processing Unit
(DSP) according to the settings of the EEPROM regis-
ters, converted to the different digital output formats
(PWM and Biphase-M serial protocol) and provided by
an output current source. The function and the param-
eters for the DSP are explained in Section 2.2. on
page 9.
The setting of the LOCK register disables the program-
ming of the EEPROM memory for all time. This regis-
ter cannot be reset.
As long as the LOCK register is not set, the output
characteristic can be adjusted by programming the
EEPROM registers. The IC is addressed by modulat-
ing the supply voltage (see Fig. 2–1). After detecting a
command, the sensor reads or writes the memory and
answers with a digital modulation of the current con-
sumption. There is no transmission of the PWM signal
during the communication.
When no command is detected or processed and the
supply voltage is within the recommended operating
range the PWM or Biphase-M output is enabled.
Internal temperature compensation circuitry and the
choppered offset compensation enables operation
over the full temperature range with minimal changes
in accuracy and high offset stability. The circuitry also
rejects offset shifts due to mechanical stress from the
package. The non-volatile memory consists of redun-
dant EEPROM cells. In addition, the sensor IC is
equipped with devices for overvoltage and reverse-
voltage protection at all pins.
Fig. 2–1: Programming with VDD modulation
Fig. 2–2: HAL856 block diagram
5
6
7
8
HAL
856
VDD
GND
DATA
Temperature
Oscillator
Switched
A/D
Digital
DATA
VDD
GND
EEPROM Memory
Bandgap
Reference
Dependent
Bias
Hall Plate
Converter
Signal
Processing
Supply
Lock
Level
Control
Current Output
Detection
and Protection
Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com