Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL856 Datasheet(PDF) 25 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 25 Page - Micronas

Back Button HAL856 Datasheet HTML 21Page - Micronas HAL856 Datasheet HTML 22Page - Micronas HAL856 Datasheet HTML 23Page - Micronas HAL856 Datasheet HTML 24Page - Micronas HAL856 Datasheet HTML 25Page - Micronas HAL856 Datasheet HTML 26Page - Micronas HAL856 Datasheet HTML 27Page - Micronas HAL856 Datasheet HTML 28Page - Micronas HAL856 Datasheet HTML 29Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DATA SHEET
HAL856
Micronas
March 23, 2010; DSH000142_002EN
25
Fig. 3–8: Current consumption over temperature for VDD = 5 V, LOW CURRENT = 4 and HIGH CURRENT = 4
tr(O)
Response Time of Internal
Signal1)
3
−
−
−
5
4
2
1
10
8
4
2
ms
ms
ms
ms
3 dB filter frequency = 80 Hz
3 dB filter frequency = 160 Hz
3 dB filter frequency = 500 Hz
3 dB filter frequency = 2 kHz
td(O)
Delay Time of Internal Signal
3
−
0.1
0.5
ms
tPOD
Power-Up Time (time to reach
stabilized internal signal)1)
−
−
−
6
5
3
2
11
9
5
3
ms
ms
ms
ms
3 dB filter frequency = 80 Hz
3 dB filter frequency = 160 Hz
3 dB filter frequency = 500 Hz
3 dB filter frequency = 2 kHz
tLVD
Power-Down Time (time until
output is off)
50
75
µs
VLVD
Power-Down Voltage
1
−
3.5
−
V
VPOD
Power-On Reset Voltage
1
−
3.6
−
V
BW
Small Signal Bandwidth
(
−3dB)
3
−
2
−
kHz
BAC < 10 mT;
3 dB Filter frequency = 2 kHz
TO92UT Packages
Rthja
Rthjc
Rthjs
Thermal Resistance
Junction to Air
Junction to Case
Junction to Solder Point
−
−
−
−
−
−
−
−
−
235
61
128
K/W
K/W
K/W
Measured with a 1s0p board
Measured with a 1s0p board
Measured with a 1s1p board
1) The output signal is updated at the begin of each PWM period or Biphase-M period.
The update time depends on the output format settings.
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com