| Electronic Components Datasheet Search |
|
AM3517 Datasheet(PDF) 63 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3517 Datasheet(HTML) 63 Page - Texas Instruments |
|
63 / 218 page ![]() AM3517, AM3505 www.ti.com SPRS550A – OCTOBER 2009 – REVISED MAY 2010 Table 2-12. Serial Communication Interfaces - I2C Signals Description (I2C2) (continued) SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZCN BALL ZER BALL i2c2_sda I2C Serial Bidirectional IOD W2 Y16 Data. Output is open drain. Table 2-13. Serial Communication Interfaces - I2C Signals Description (I2C3) SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZCN BALL ZER BALL i2c3_scl I2C Master Serial clock. IOD W4 W16 Output is open drain. i2c3_sda I2C Serial Bidirectional IOD W5 W17 Data. Output is open drain. Table 2-14. Serial Communication Interfaces – McBSP LP Signals Description SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZCN BALL ZER BALL MULTICHANNEL BUFFERED SERIAL PORT (McBSP LP 1) mcbsp1_dr Received serial data I P23 C9 mcbsp1_clkr Receive Clock IO R25 B11 mcbsp1_fsr Receive frame IO P21 D11 synchronization mcbsp1_dx Transmitted serial data IO P22 C10 mcbsp1_clkx Transmit clock IO N24 C8 mcbsp1_fsx Transmit frame IO P24 C11 synchronization mcbsp_clks External clock input I P25 E11 (shared by McBSP1, 2, 3, 4, and 5) MULTICHANNEL BUFFERED SERIAL PORT (McBSP LP 2) mcbsp2_dr Received serial data I B25 C5 mcbsp2_dx Transmitted serial data IO D24 E4 mcbsp2_clkx Combined serial clock IO C25 D5 mcbsp2_fsx Combined frame IO D25 E5 synchronization MULTICHANNEL BUFFERED SERIAL PORT (McBSP LP 3) mcbsp3_dr Received serial data I C24 B4 mcbsp3_dx Transmitted serial data IO B24 C4 mcbsp3_clkx Combined serial clock IO A24 D4 mcbsp3_fsx Combined frame IO C23 A4 synchronization MULTICHANNEL BUFFERED SERIAL PORT (McBSP LP 4) mcbsp4_dr Received serial data I A23 B3 mcbsp4_dx Transmitted serial data IO B22 A2 mcbsp4_clkx Combined serial clock IO B23 A3 mcbsp4_fsx Combined frame IO A22 B2 synchronization MULTICHANNEL BUFFERED SERIAL PORT (McBSP LP 5) mcbsp5_dr Received serial data I Y18 E19 mcbsp5_dx Transmitted serial data IO AD19 F19 mcbsp5_clkx Combined serial clock IO AD17 G22 mcbsp5_fsx Combined frame IO AE19 F21 synchronization Copyright © 2009–2010, Texas Instruments Incorporated TERMINAL DESCRIPTION 63 Submit Documentation Feedback Product Folder Link(s): AM3517 AM3505 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |