| Electronic Components Datasheet Search |
|
AM3517 Datasheet(PDF) 66 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3517 Datasheet(HTML) 66 Page - Texas Instruments |
|
66 / 218 page ![]() AM3517, AM3505 SPRS550A – OCTOBER 2009 – REVISED MAY 2010 www.ti.com Table 2-19. Serial Communication Interfaces – USB Signals Description (continued) SIGNAL NAME [1] DESCRIPTION [2] TYPE [3] ZCN BALL ZER BALL usb0_vbus For host or device mode A G24 C7 operation, tie the VBUS/USB power signal to the USB connector. When used in OTG mode operation, tie VBUS to the external charge pump and to the VBUS signal on the USB connector. MM_FSUSB3 mm_fsusb3_rxdm Vminus receive data (not IO AE13 M19 used in 3- or 4-pin configurations) mm_fsusb3_rxdp Vplus receive data (not IO AC13 L20 used in 3- or 4-pin configurations) mm_fsusb3_rxrcv Differential receiver signal IO A23 B3 input (not used in 3-pin mode) mm_fsusb3_txse0 Single-ended zero. Used IO B23 A3 as VM in 4-pin VP_VM mode. mm_fsusb3_txdat USB data. Used as VP in IO B22 A2 4-pin VP_VM mode. mm_fsusb3_txen_n Transmit enable IO A22 B2 MM_FSUSB2 mm_fsusb2_rxdm Vminus receive data (not IO AD21 D20 used in 3- or 4-pin configurations) mm_fsusb2_rxdp Vplus receive data (not IO AB20 E20 used in 3- or 4-pin configurations) mm_fsusb2_rxrcv Differential receiver signal IO AC21 D19 input (not used in 3-pin mode) mm_fsusb2_txse0 Single-ended zero. Used IO AE22 D18 as VM in 4-pin VP_VM mode. mm_fsusb2_txdat USB data. Used as VP in IO AE16 J21 4-pin VP_VM mode. mm_fsusb2_txen_n Transmit enable IO AE17 H19 MM_FSUSB1 mm_fsusb1_rxdm Vminus receive data (not IO AD20 D21 used in 3- or 4-pin configurations) mm_fsusb1_rxdp Vplus receive data (not IO AE18 G21 used in 3- or 4-pin configurations) mm_fsusb1_rxrcv Differential receiver signal IO AD18 G20 input (not used in 3-pin mode) mm_fsusb1_txse0 Single-ended zero. Used IO AC18 F22 as VM in 4-pin VP_VM mode. mm_fsusb1_txdat USB data. Used as VP in IO AB18 F20 4-pin VP_VM mode. mm_fsusb1_txen_n Transmit enable IO AB19 E21 HSUSB2 66 TERMINAL DESCRIPTION Copyright © 2009–2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3517 AM3505 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |