Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3517 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AM3517
Description  AM3517/05 ARM Microprocessor
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3517 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM3517 Datasheet HTML 85Page - Texas Instruments AM3517 Datasheet HTML 86Page - Texas Instruments AM3517 Datasheet HTML 87Page - Texas Instruments AM3517 Datasheet HTML 88Page - Texas Instruments AM3517 Datasheet HTML 89Page - Texas Instruments AM3517 Datasheet HTML 90Page - Texas Instruments AM3517 Datasheet HTML 91Page - Texas Instruments AM3517 Datasheet HTML 92Page - Texas Instruments AM3517 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 218 page
background image
AM35x
Power IC
sys_32k
sys_altclk
sys_clkout1
Alternate Clock Source Selectable (54, 48 MHz or other [up
to 59 MHz])
To Quartz (Oscillator output) or Unconnected
From Quartz (Oscillator input), Square Clock, or Crystal
Clock Request. To Square Clock Source or from Peripherals
Oscillator
is Used
Oscillator
is Bypassed
Unconnected
Square
Clock
Source
To Peripherals (From OSC_CLK: 26 MHz, core_clk
[DPLL, up to 166 MHz], DPLL-96 MHZ or DPLL-54 MHz
outputs with a divider of 1, 2, 4, 8, or 16)
GPin
To Peripherals (From OSC_CLK: 26 MHz)
sys_clkout2
sys_xtalout
sys_xtalin
sys_clkreq
sys_xtalout
sys_xtalin
sys_clkreq
sys_xtalout
sys_xtalin
sys_clkreq
030-007
Ethernet input 50-MHz clock
rmii_50mhz_clk
AM3517, AM3505
www.ti.com
SPRS550A – OCTOBER 2009 – REVISED MAY 2010
4
CLOCK SPECIFICATIONS
The AM3517/05 device has three external input clocks, a low frequency (sys_32k), a high frequency
(sys_xtalin), and an optional (sys_altclk). The AM3517/05 device has two configurable output clocks,
sys_clkout1 and sys_clkout2.
Figure 4-1 shows the interface to the external clock sources and clock outputs.
Figure 4-1. Clock Interface
The AM3517/05 device operation requires the following three input clocks:
•
The 32-kHz clock can be generated using one of the following options and can be selected via the
sys_boot7 pin. See Figure 4-2.
–
External: Supplied by an oscillator on the sys_32k pin.
–
Internal: 32-kHz clock generation using a fixed divider on the HS system clock (26MHz).
•
The system alternative clock can be used (through the sys_altclk pin) to provide alternative 48 or 54
MHz or other clock source (up to 54 MHz).
•
The system clock input (26 MHz) is used to generate the main source clock of the AM3517/05 device.
It supplies the DPLLs as well as several AM3517/05 modules. The system clock input can be
connected to either:
–
A crystal oscillator clock managed by sys_xtalin and sys_xtalout. In this case, the sys_clkreq is
used as an input (GPIN).
–
A CMOS digital clock through the sys_xtalin pin. In this case, the sys_clkreq is used as an output to
request the external system clock.
Copyright © 2009–2010, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
89
Submit Documentation Feedback
Product Folder Link(s): AM3517 AM3505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com