Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G53 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC1G53
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G53 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC1G53_08 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1.
General description
The 74LVC1G53 is a low-power, low-voltage, high-speed, Si-gate CMOS device.
The 74LVC1G53 provides one analog multiplexer/demultiplexer with a digital select
input (S), two independent inputs/outputs (Y0 and Y1), a common input/output (Z) and an
active LOW enable input (E). When pin E is HIGH, the switch is turned off.
Schmitt-trigger action at the select and enable inputs makes the circuit tolerant of slower
input rise and fall times across the entire VCC range from 1.65 V to 5.5 V.
2.
Features
I Wide supply voltage range from 1.65 V to 5.5 V
I Very low ON resistance:
N 7.5 Ω (typical) at VCC = 2.7 V
N 6.5 Ω (typical) at VCC = 3.3 V
N 6 Ω (typical) at VCC =5V
I Switch current capability of 32 mA
I High noise immunity
I CMOS low-power consumption
I TTL interface compatibility at 3.3 V
I Latch-up performance meets requirements of JESD 78 Class I
I ESD protection:
N HBM JESD22-A114E exceeds 2000 V
N MM JESD22-A115-A exceeds 200 V
N CDM JESD22-C101C exceeds 1000 V
I Control inputs accepts voltages up to 5 V
I Multiple package options
I Specified from −40 °C to +85 °C and from −40 °C to +125 °C
74LVC1G53
2-channel analog multiplexer/demultiplexer
Rev. 05 — 11 June 2008
Product data sheet


Similar Part No. - 74LVC1G53_08

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74LVC1G53DC PHILIPS-74LVC1G53DC Datasheet
128Kb / 23P
2-channel analog multiplexer/demultiplexer
Rev. 01-10 January 2006
74LVC1G53DC NXP-74LVC1G53DC Datasheet
130Kb / 22P
2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Nexperia B.V. All right...
74LVC1G53DC NEXPERIA-74LVC1G53DC Datasheet
338Kb / 23P
2-channel analog multiplexer/demultiplexer
Rev. 12 - 20 July 2021
74LVC1G53DC-Q100 NEXPERIA-74LVC1G53DC-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results

Similar Description - 74LVC1G53_08

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
2-channel Analog Multiplexer / Demultiplexer
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
2-channel Analog Multiplexer/Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
2-channel Analog Multiplexer / Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com