Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G53 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVC1G53
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G53 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVC1G53_08 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
74LVC1G53_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 June 2008
12 of 23
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
11.1 Waveforms and test circuits
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 16. Input (Yn or Z) to output (Z or Yn) propagation delays
tPLH
tPHL
VM
VM
VM
VM
GND
VI
VOH
VOL
Yn or Z
input
Z or Yn
output
001aac361
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 17. Enable and disable times
VM
VI
GND
VCC
VOL
VOH
GND
S, E input
output
LOW to OFF
OFF to LOW
output
HIGH to OFF
OFF to HIGH
VM
001aad393
VM
tPZL
tPHZ
tPZH
VX
VY
switch
disabled
switch
enabled
switch
enabled
Z, Yn
Z, Yn
tPLZ
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 2.7 V
0.5VCC
0.5VCC
VOL + 0.15 V
VOH − 0.15 V
2.7 V to 5.5 V
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com