Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G53 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC1G53
Description  2-channel analog multiplexer/demultiplexer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G53 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC1G53_08 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 16Page - NXP Semiconductors 74LVC1G53_08 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
74LVC1G53_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 June 2008
13 of 23
NXP Semiconductors
74LVC1G53
2-channel analog multiplexer/demultiplexer
11.2 Additional dynamic characteristics
Test data is given in Table 11.
Definitions test circuit:
RT = Termination resistance (should be equal to output impedance Zo of the pulse generator).
CL = Load capacitance (including jig and probe capacitance).
RL = Load resistance.
VEXT = External voltage for measuring switching times.
Fig 18. Load circuit for switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 11.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPLH, tPHL
tPZH, tPHZ
tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
Ω
open
GND
2VCC
2.3 V to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
Ω
open
GND
2VCC
2.7 V
VCC
≤ 2.5 ns
50 pF
500
Ω
open
GND
2VCC
3 V to 3.6 V
VCC
≤ 2.5 ns
50 pF
500
Ω
open
GND
2VCC
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
Ω
open
GND
2VCC
Table 12.
Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic distortion
fi = 600 Hz to 20 kHz; RL = 600 Ω;
CL = 50 pF; VI = 0.5 V (p-p); see Figure 19
VCC = 1.65 V
-
0.260
-
%
VCC = 2.3 V
-
0.078
-
%
VCC = 3.0 V
-
0.078
-
%
VCC = 4.5 V
-
0.078
-
%
f(−3dB)
−3 dB frequency response RL =50 Ω; CL = 5 pF; see Figure 20
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
300
-
MHz
VCC = 3.0 V
-
300
-
MHz
VCC = 4.5 V
-
300
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com