Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49300 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 25Page - Cirrus Logic CS49300 Datasheet HTML 26Page - Cirrus Logic CS49300 Datasheet HTML 27Page - Cirrus Logic CS49300 Datasheet HTML 28Page - Cirrus Logic CS49300 Datasheet HTML 29Page - Cirrus Logic CS49300 Datasheet HTML 30Page - Cirrus Logic CS49300 Datasheet HTML 31Page - Cirrus Logic CS49300 Datasheet HTML 32Page - Cirrus Logic CS49300 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
CS49300 Family DSP
DS339F7
29
NOTE: A capacitor pair (1 uF and 0.1 uF) must be supplied for each power pin.
OSCILLATOR
DAC (S)
DIR or
A D C [S]
NOTE: +2.5VA is simply +2.5VD after filtering through the ferrite bead. Pin 32 must be referenced to +2.5VA
EMAD_GPIO [8:0]
+2.5 Supply (+2.5VD)
+2.5VD
+2.5VD
+2.5VA
+2.5VA
0.1 uF
+ 1 uF
0.1 uF
+ 1 uF
0.1 uF
+ 1 uF
FERRITE BEAD
+ 1 uF
0.1 uF
33
OPT_TX
33
33
+ C1
C2
+ 47 uF
R1
C3
CS493XX
3
4
5
6
7
8
9
10
11
14
15
16
17
18
19
20
21
22
25
26
27
28
29
30
31
32
33
36
37
38
39
40
41
42
43
44
XMT958
WR__GPIO10
RD__GPIO11
SCDIN
SCCLK
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
CS
SCDIO
INTREQ
GPIO8
SDATAN
SCLKN
SLRCLKN
CMPDAT
CMPCLK
CMPREQ
CLKIN
CLKSEL
FLT2
FLT1
RESET
DD
DC
AUDATA2
AUDATA1
AUDATA0
LRCLK
SCLK
MCLK
Figure 13. I2C® Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com