Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49300 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 28Page - Cirrus Logic CS49300 Datasheet HTML 29Page - Cirrus Logic CS49300 Datasheet HTML 30Page - Cirrus Logic CS49300 Datasheet HTML 31Page - Cirrus Logic CS49300 Datasheet HTML 32Page - Cirrus Logic CS49300 Datasheet HTML 33Page - Cirrus Logic CS49300 Datasheet HTML 34Page - Cirrus Logic CS49300 Datasheet HTML 35Page - Cirrus Logic CS49300 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
CS49300 Family DSP
32
DS339F7
NOTE: A capacitor pair (1 uF and 0.1 uF) must be supplied for each power pin.
SYSTEM
MICRO
CONTROLLER
D[7:0]
Q[7:0]
D[7:0]
Q[7:0]
OCTAL F/F
OCTAL F/F
EXTERNAL
ROM
A[7:0]
A[15:8]
D[7:0]
/CE
/OE
DIR or
ADCs
DACs
OSCILLATOR
NOTE: +2.5VA is simply +2.5VD after filtering through the ferrite bead. Pin 32 must be referenced to +2.5VA
EMAD[7:0]
+2.5V Supply (+2.5VD)
+2.5VD
+2.5VD
+2.5VA
+2.5VA
0.1 uF
+
1 uF
0.1 uF
+
1 uF
0.1 uF
+
1 uF
FERRITE BEAD
0.1 uF
+
1 uF
33
OPT_TX
33
33
R1
C3
C2
+
47 uF
CS493XX
3
4
5
6
7
8
9
10
11
14
15
16
17
18
19
20
21
22
25
26
27
28
29
30
31
32
33
36
37
38
39
40
41
42
43
44
XMT958
WR__GPIO10
RD__EMOE
SCDIN
SCCLK
EMAD7
EMAD6
EMAD5
EMAD4
EMAD3
EMAD2
EMAD1
EMAD0
CS
SCDOUT
INTREQ__ABOOT
EXTMEM
SDATAN
SCLKN
SLRCLKN
CMPDAT
CMPCLK
CMPREQ
CLKIN
CLKSEL
FLT2
FLT1
RESET
DD
DC
AUDATA2
AUDATA1
AUDATA0
LRCLK
SCLK
MCLK
+
C1
Figure 16. SPI Control with External Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com