Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS49300 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS49300
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49300 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS49300 Datasheet HTML 32Page - Cirrus Logic CS49300 Datasheet HTML 33Page - Cirrus Logic CS49300 Datasheet HTML 34Page - Cirrus Logic CS49300 Datasheet HTML 35Page - Cirrus Logic CS49300 Datasheet HTML 36Page - Cirrus Logic CS49300 Datasheet HTML 37Page - Cirrus Logic CS49300 Datasheet HTML 38Page - Cirrus Logic CS49300 Datasheet HTML 39Page - Cirrus Logic CS49300 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
CS49300 Family DSP
36
DS339F7
6.
CONTROL
Control of the CS493XX can be accomplished
through one of four methods. The CS493XX
supports I2C® and SPI serial communication. In
addition the CS493XX supports both a Motorola
and Intel byte wide parallel host control mode. Only
one of the four communication modes can be
selected for control. The states of the RD, WR, and
PSEL pins are sampled at the rising edge of
RESET to determine the interface type as shown in
Table 2.
Whichever host communication mode is used, host
control of the CS493XX is handled through the
application
software
running
on
the
DSP.
Configuration and control of the CS493XX decoder
and its peripherals are indirectly executed through
a
messaging
protocol
supported
by
the
downloaded application code. In other words
successful
communication
can
only
be
accomplished by following the low level hardware
communication format and high level messaging
protocol. The specifications of the messaging
protocol can be found in any of the software user’s
guides.
Only the subsection describing the communication
mode being used needs to be read by the system
designer.
6.1. Serial Communication
The CS493XX has a serial control port that
supports
both
SPI
and
I2C®
forms
of
communication.
The
following
sections
will
explain
each
communication
mode
in
more
detail.
Flow
diagrams will illustrate read and write cycles.
Timing diagrams will be shown to demonstrate
relative edge positions of signal transitions for read
and write operations.
6.1.1. SPI Communication
SPI
communication
with
the
CS493XX
is
accomplished with 5 communication lines: chip
select, serial control clock, serial data in, serial
data out and an interrupt request line to signal that
the DSP has data to transmit to the host. Table 3
shows the mnemonic, pin name, and pin number of
each of these signals on the CS493XX.
6.1.1.1. Writing in SPI
When writing to the device in SPI the same
protocol will be used whether writing a byte, a
message or even an entire executable download
image. The examples shown in this document can
be expanded to fit any write situation. Figure 19,
"SPI Write Flow Diagram" on page 37 shows a
typical write sequence:
The following is a detailed description of an SPI
write sequence with the CS493XX.
1) An SPI transfer is initiated when chip select
(CS) is driven low.
2) This is followed by a 7-bit address and the
read/write bit set low for a write. The address
for the CS493XX defaults to 0000000b. It is
necessary to clock this address in prior to any
transfer in order for the CS493XX to accept the
write. In other words a byte of 0x00 should be
clocked into the device preceding any write.
The 0x00 byte represents the 7 bit address
0000000b, and the least significant bit set to 0
to designate a write.
3) The host should then clock data into the device
most significant bit first, one byte at a time. The
data byte is transferred to the DSP on the
falling edge of the eighth serial clock. For this
reason, the serial clock should be default low
so that eight transitions from low to high to low
will occur for each byte.
RD
(Pin 5)
WR
(Pin 4)
PSEL
(Pin 19)
Host Interface Mode
11
1
8-bit Motorola®
11
0
8-bit Intel®
01
X
Serial I2C®
1
0
X
Serial SPI
Table 2. Host Modes
Mnemonic
Pin Name
Pin Number
Chip Select
CS
18
Serial Clock
SCCLK
7
Serial Data In
SCDIN
6
Serial Data Out
SCDOUT
19
Interrupt Request
INTREQ
20
Table 3. SPI Communication Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com