Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5371 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5371
Description  Low-power, High-performance ?誇 Modulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 2Page - Cirrus Logic CS5371 Datasheet HTML 3Page - Cirrus Logic CS5371 Datasheet HTML 4Page - Cirrus Logic CS5371 Datasheet HTML 5Page - Cirrus Logic CS5371 Datasheet HTML 6Page - Cirrus Logic CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic CS5371 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CS5371 CS5372
6
DS255F3
SWITCHING CHARACTERISTICS Notes:T
A = -40 C to +85 C; VA+ = +5V or +2.5V ± 5%; VA-
= 0V or -2.5V ± 5%; VD = +5V or +3.3V ± 5%; Digital Inputs: Logic 0 = 0V, Logic 1 = VD; CL =50pF
Notes: 17. If MCLK is removed, the CS5372 enters a micro power state.
18. Excludes MCLK input, MCLK should be driven with a signal having rise/fall times of 25 ns or faster.
19. MSYNC latched on MCLK falling edge, data output on next MCLK rising edge.
Parameter
Symbol
Min
Typ
Max
Unit
MCLK Frequency
(Note 17)
fc
0.1
2.048
2.2
MHz
MCLK Duty Cycle
40
-
60
%
MCLK Jitter (In-band or aliased in-band)
-
-
300
ps
MCLK Jitter (Out-of-band)
-
-
1
ns
Rise Times:
Any Digital Input
(Note 18)
Any Digital Output
trisein
triseout
-
-
-
50
50
100
ns
ns
Fall Times:
Any Digital Input
(Note 18)
Any Digital Output
tfallin
tfallout
-
-
-
50
50
100
ns
ns
MSYNC Setup Time to MCLK falling
(Note 19)
tmss
20
-
-
ns
MSYNC Hold Time after MCLK falling
tmsh
20
-
-
ns
MCLK rising to Valid MFLAG
tmfh
-35
65
ns
MCLK rising to Valid MDATA
tmdv
-60
90
ns
0.9 * VD
0.1 * VD
t fallin
t risein
0.9 * VD
0.1 * VD
t riseout
t fallout
Figure 1. Rise and Fall Times
MFLAG
MDATA
t mdv
t mdv
VALID DATA
VALID DATA
MCLK
t mss
MSYNC
t mfh
t msh
Figure 2. CS5372 Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com