Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5371 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5371
Description  Low-power, High-performance ?誇 Modulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic CS5371 Datasheet HTML 10Page - Cirrus Logic CS5371 Datasheet HTML 11Page - Cirrus Logic CS5371 Datasheet HTML 12Page - Cirrus Logic CS5371 Datasheet HTML 13Page - Cirrus Logic CS5371 Datasheet HTML 14Page - Cirrus Logic CS5371 Datasheet HTML 15Page - Cirrus Logic CS5371 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
CS5371 CS5372
12
DS255F3
over which voltage reference noise affects the
CS5371/72 modulator dynamic range.
6.1.
Voltage Reference Configurations
For a 2.5 V reference, the Linear Technology
LT1019-2.5 voltage reference yields low enough
noise if the output is filtered with a low pass RC fil-
ter as shown in Figure 6. The filtered version in
Figure 6 is acceptable for most spectral measure-
ment applications, but a buffered version with low-
er source impedance may be preferred for DC
measurement applications.
6.2.
VREF Input Impedance
The switched-capacitor input architecture of the
VREF+ pin causes the input current required from
the voltage reference to change any time MCLK is
changed. The input impedance of the voltage ref-
erence input is calculated similar to the analog sig-
nal input impedance as [1 / (f * C)] where f is the
modulator clock frequency, MCLK, and C is the in-
ternal sampling capacitor.
A 2.048 MHz MCLK
yields a voltage reference input impedance of ap-
proximately [1 / (2.048 MHz)*(20 pF)], or about
24 k
Ω.
6.3.
Gain Accuracy
Gain accuracy of the CS5371/72 modulators is af-
fected by variations of the voltage reference input.
A change in the voltage reference input impedance
due to a change in MCLK could affect gain accura-
cy when using the higher source impedance con-
figuration of Figure 6.
The VREF+ pin input
impedance and the external low-pass filter resistor
create a voltage divider for the output reference
voltage, reducing the effective voltage reference
input. If gain error is to be minimized, especially
when MCLK is to be changed, the voltage refer-
ence should have a low output impedance to mini-
mize the effect of the resistive voltage divider. A
buffered voltage reference configuration offers
lower output impedance and more stable gain
characteristics.
6.4.
Gain Drift
Gain drift of the CS5371/72 modulators due to tem-
perature is around 5 ppm/°C, and does not include
the temperature drift characteristics of the external
voltage reference. Gain drift is not affected by the
modulator sample rate or by power supply varia-
tions.
7. DIGITAL FILTER INTERFACE
The CS5371/72 modulators are designed to oper-
ate with the CS5376A and CS5378 digital filters.
The digital filter generates the modulator clock and
synchronization
signal
inputs
(MCLK
and
MSYNC), while receiving the modulator data and
over-range flag outputs (MDATA and MFLAG).
The modulators produce an oversampled
∆Σ serial
10
Ω
To VREF+
To VREF -
0.1
µF
100
µF
+
+VA
2.5 REF
0.1
µF
10
µF
-VA
0.1
µF
10
µF
Figure 6. 2.5 Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com