Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5371 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5371
Description  Low-power, High-performance ?誇 Modulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5371 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5371 Datasheet HTML 3Page - Cirrus Logic CS5371 Datasheet HTML 4Page - Cirrus Logic CS5371 Datasheet HTML 5Page - Cirrus Logic CS5371 Datasheet HTML 6Page - Cirrus Logic CS5371 Datasheet HTML 7Page - Cirrus Logic CS5371 Datasheet HTML 8Page - Cirrus Logic CS5371 Datasheet HTML 9Page - Cirrus Logic CS5371 Datasheet HTML 10Page - Cirrus Logic CS5371 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
CS5371 CS5372
DS255F3
7
2. GENERAL DESCRIPTION.
The CS5371 and CS5372 are one- and two- chan-
nel fourth-order
∆Σ modulators, optimized for ex-
tremely high-resolution measurement of signals
between DC and 1600 Hz. They are designed to
be used with the CS5376A and CS5378 low-power
digital filters. Figure 3 on page 8 shows a four-
channel system connection diagram for two
CS5372 and one CS5376A.
High Performance
The CS5371/72 modulators have exceptional per-
formance characteristics.
Modulator dynamic
range (SNR) is 127 dB over a 215 Hz bandwidth
(2 ms sampling), with total harmonic distortion
(THD) of -118 dB.
Low Power Consumption
The CS5371/72 modulators have very low power
consumption. Power consumption is only 25 mW
per
channel
in
normal
mode
(LPWR=0,
MCLK=2.048 MHz), and 15 mW per channel in low
power mode (LPWR=1, MCLK=1.024 MHz).
An independently selectable power-down mode
(PWDN=1) can be used to disable a modulator and
reduces its power consumption to 1 mW. If MCLK
is then halted (MCLK=0), the modulator enters a
micropower state using only 10 µW per channel.
Small Package Size
The CS5371/72 modulators are available in a very
small
24-pin
SSOP
package
approximately
8 mm x 8 mm in size. The CS5372 has two mod-
ulator channels per package to increase board lay-
out density even further.
Multi-channel System Support
Combining the CS5371 and CS5372 modulators
with a digital filter permits multiple system configu-
rations:
1 Channel - CS5371, CS5378
2 Channel - CS5372, CS5376A
3 Channel - CS5371, CS5372, CS5376A
4 Channel - CS5372, CS5372, CS5376A
Differential Analog Signal Inputs
The CS5371/72 modulators have fully differential
analog inputs capable of measuring signals up to
5.0 V peak-to-peak when using a 2.5 V voltage ref-
erence. The inputs will tolerate a 5% over-range
voltage and continue operating at full specification.
Digital Filter Interface
The CS5371/72 modulators are designed to oper-
ate with the CS5376A and CS5378 digital filters.
The digital filter generates the modulator clock and
synchronization
signal
inputs
(MCLK
and
MSYNC), while receiving the modulator data and
over-range flag outputs (MDATA and MFLAG).
The modulators produce an oversampled
∆Σ serial
bit stream at 512 kbits per second when operated
from a 2.048 MHz modulator clock.
Multiple Power Supply Configurations
The CS5371/72 modulators support flexible power
supply configurations. They can run from single or
dual supplies in the following configurations:
VA+ = +5V; VA- = 0V;
VD = +3.3V to +5V
VA+ = +2.5V; VA- = -2.5V; VD = +3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com