Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05050WAS Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAS
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAS Datasheet(HTML) 5 Page - Texas Instruments

  PTH05050WAS Datasheet HTML 1Page - Texas Instruments PTH05050WAS Datasheet HTML 2Page - Texas Instruments PTH05050WAS Datasheet HTML 3Page - Texas Instruments PTH05050WAS Datasheet HTML 4Page - Texas Instruments PTH05050WAS Datasheet HTML 5Page - Texas Instruments PTH05050WAS Datasheet HTML 6Page - Texas Instruments PTH05050WAS Datasheet HTML 7Page - Texas Instruments PTH05050WAS Datasheet HTML 8Page - Texas Instruments PTH05050WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
CHARACTERISTIC DATA; V
I = 5 V
(1) (2)
0
1
2
3
4
6
I -LoadCurrent- A
L
0
10
20
30
40
50
5
VO=2.5V
VO=3.3V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1V
I -LoadCurrent- A
L
0
1
2
3
4
5
50
60
70
80
90
100
6
VO=3.3V
VO =2.5V
VO=1.8V
VO=1.5V
VO=1.2V
VO=1V
IL − Load Current − A
0
0. 25
0. 50
0. 75
1. 00
1. 25
1. 50
0
1
2
3
5
6
4
0
40
20
1
2
3
4
5
6
50
30
80
60
90
70
Natural
Convection
I
O - Output Current - A
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
OUTPUT RIPPLE
EFFICIENCY
vs
POWER DISSIPATION
vs
LOAD CURRENT (See Note 3 to
vs
LOAD CURRENT
Table)
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
TEMPREATURE DERATING
vs
OUTPUT CURRENT
Figure 4.
(1)
Characteristic data has been developed from actual products tested at 25
°C. This data is considered typical data for the converter.
Applies to Figure 1, Figure 2, and Figure 3.
(2)
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating
temperatures. Derating limits apply to modules soldered directly to a 4 in.
× 4 in. double-sided PCB with 1 oz. copper. Applies to
Figure 4.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com