Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05050WAS Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAS
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH05050WAS Datasheet HTML 7Page - Texas Instruments PTH05050WAS Datasheet HTML 8Page - Texas Instruments PTH05050WAS Datasheet HTML 9Page - Texas Instruments PTH05050WAS Datasheet HTML 10Page - Texas Instruments PTH05050WAS Datasheet HTML 11Page - Texas Instruments PTH05050WAS Datasheet HTML 12Page - Texas Instruments PTH05050WAS Datasheet HTML 13Page - Texas Instruments PTH05050WAS Datasheet HTML 14Page - Texas Instruments PTH05050WAS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
Soft-Start Power Up
5 V
CIN
1,000
µF
COUT
330
µF
GND
GND
3.3 V
PTH05020W
7
10
4
5
6
2
3
9
Track
VIN
VO
GND
Inhibit
1
Up
Dn
Adjust
Sense
RSET, 698 Ω
0.1 W, 1%
8
Vin (1 V/Div)
Vout (1 V/Div)
Iin (5 A/Div)
5 ms/div
Over-Current Protection
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
The Auto-Track feature allows the power-up of multiple modules to be directly controlled from the Track pin.
However in a stand-alone configuration, or when the Auto-Track feature is not being used, the Track pin should
be directly connected to the input voltage, Vin (see Figure 6).
Figure 6.
When the Track pin is connected to the input voltage the Auto-Track function is permanently disengaged. This
allows the module to power up entirely under the control of its internal soft-start circuitry. When power up is
under soft-start control, the output voltage rises to the set-point at a quicker and more linear rate.
Figure 7.
From the moment a valid input voltage is applied, the soft-start control introduces a short time delay (typically
5ms-10ms) before allowing the output voltage to rise. The output then progressively rises to the module’s
setpoint voltage. Figure 7 shows the soft-start power-up characteristic of the 22-A output product (PTH05020W),
operating from a 5-V input bus and configured for a 3.3-V output. The waveforms were measured with a 5-A
resistive load, with Auto-Track disabled. The initial rise in input current when the input voltage first starts to rise
is the charge current drawn by the input capacitors. Power-up is complete within 15 ms.
For protection against load faults, all modules incorporate output over-current protection. Applying a load that
exceeds the regulator's over-current threshold will cause the regulated output to shut down. Following shutdown
a module will periodically attempt to recover by initiating a soft-start power-up. This is described as a hiccup
mode of operation, whereby the module continues in a cycle of successive shutdown and power up until the
load fault is removed. During this period, the average current flowing into the fault is significantly reduced. Once
the fault is removed, the module automatically recovers and returns to normal operation.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com