Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05050WAS Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05050WAS
Description  6-A, 5-V INPUT NON-ISOLATED WIDE OUTPUT ADJUST POWER MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05050WAS Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH05050WAS Datasheet HTML 5Page - Texas Instruments PTH05050WAS Datasheet HTML 6Page - Texas Instruments PTH05050WAS Datasheet HTML 7Page - Texas Instruments PTH05050WAS Datasheet HTML 8Page - Texas Instruments PTH05050WAS Datasheet HTML 9Page - Texas Instruments PTH05050WAS Datasheet HTML 10Page - Texas Instruments PTH05050WAS Datasheet HTML 11Page - Texas Instruments PTH05050WAS Datasheet HTML 12Page - Texas Instruments PTH05050WAS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
PTH05050W
SLTS213D – MAY 2003 – REVISED JUNE 2007
Table 3. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
Max Ripple
Capacitor Vendor,
Vendor
Working
Max ESR
Physical
Value
Current at 85
°C
Input
Output
Type/Series (Style)
Part Number
Voltage
at 100 kHz
Size
(
µF)
(Irms)
Bus
Bus
(V)
(
Ω)
(mm)
(mA)
Panasonic
FC, Aluminum (Radial)
25
100
0.300
450
8
×10
1
1
EEVFC1E101P
WA, Poly-Aluminum (SMD)
10
120
0.035
2800
8.3
×6.9
1
≤5
EEFWA1A121P
Panasonic, Aluminum
FC (Radial)
16
220
0.150
555
10
×10.2
1
1
EEUFC1C221
FK (SMD)
16
330
0.160
600
8
×10.2
1
1
EEVFK1C331P
United Chemi-Con
FX, Os-con (Radial)
10
100
0.040
2100
6.3
×9.8
1
≤5
10FS100M
PXA, Poly-Aluminum (SMD)
10
120
0.027
2430
8
×6.7
1
≤4
PXA10VC121MH80TP
MVZ, Aluminum (SMD)
16
220
0.170
450
8
×10
1
1
MVZ25VC221MH10TP
PS, Poly-Aluminum (Radial)
10
100
0.024
4420
8
×11.5
1
≤4
10PS270MH11
Nichicon Aluminum
WG(SMD)
35
100
0.150
670
10
×10
1
1
UWG1V101MNR1GS
PM (Radial)
25
150
0.160
460
10
×11.5
1
1
UPM1E151MPH
F55, Tantalum (SMD)
10
100
0.055
2000
7.7
×4.3
1
1
F551A107MN
Sanyo
SVP, (SMD)
10
120
0.040
>2500
7
×8
1
≤5
10SVP120M
Sp, Os-con (Radial)
16
100
0.025
>2800
6.3
×9.8
1
≤4
16SPS100M
TPE, Poscap Polymer(SMD)
10
220
0.025
>2400
7.3
×5.7
1
≤4
10TPE220ML
AVX, Tantalum
TPS (SMD)
10
100
0.100
>1090
7.3
×4.3×4.1
1
≤5
TPSD107M010R0100
10
220
0.100
>1414
7.3
×4.3×4.1
1
≤5
TPSV227M010R0100
Kemet
T520, Poly-Alum (SMD)
10
100
0.800
1200
7.3
×5.7×4.0
1
1
T520D107M010AS
T495, Tantalum (SMD)
10
100
0.100
>1100
7.3
×5.7×4.0
1
1
T495X107M010AS
A700, Poly-Alum (SMD)
6.3
100
0.018
2900
7.3
×5.7×4.0
1
≤3
A700D107M006AT
Vishay-Sprague
594D, Tantalum (SMD)
10
150
0.090
1100
7.3
×6.0×4.1
1
1
594D157X0010C2T
595D, Tantalum (SMD)
10
120
0.140
>1000
7.3
×6.0×4.1
1
1
595D127X0010D2T
94SA, Poly-Aluminum (Radial)
10
100
0.030
2670
8
×10.5
1
≤4
94SA107X0010EBP
Kemet, Ceramic X5R (SMD)
16
10
0.002
–
1210 case
1
≤5
C1210C106M4PAC
6.3
47
0.002
3225 mm
2(2)
≤5
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3
100
0.002
–
1210 case
1
≤3
GRM32ER60J107M
6.3
47
3225 mm
2(2)
≤5
GRM32ER60J476M
16
22
5
≤5
GRM32ER61C226K
16
10
1(3)
≤5
GRM32ER61C106K
TDK, Ceramic X5R (SMD)
6.3
100
0.002
–
1210 case
1
≤3
C3225X5R0J107MT
6.3
47
3225 mm
≤5
C3225X5R0J476MT
2(1)
16
22
5
≤5
C3225X5R1C226MT
16
10
≤5
C3225X5R1C106MT
1(2)
(1)
Capacitor Supplier Verification
1.Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
2.Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2)
Total capacitance of 94
µF is acceptable based on the combined ripple current rating.
(3)
Small ceramic capacitors may be used to complement electrolytic types at the input to reduce high-frequency ripple current.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com