Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF2127AT/1 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2127AT/1
Description  Integrated RTC, TCXO and quartz crystal
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2127AT/1 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2127AT/1 Datasheet HTML 19Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 20Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 21Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 22Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 23Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 24Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 25Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 26Page - NXP Semiconductors PCF2127AT/1 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 80 page
background image
PCF2127A_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 7 May 2010
23 of 80
NXP Semiconductors
PCF2127A
Integrated RTC, TCXO and quartz crystal
(1)
Vth(uvp) value is usually set to a value that there are several milliseconds before VDD falls
below the minimum operating voltage of the system, in order to allow the microcontroller
to perform early backup operations.
If the extra power fail detection function is not used, pin PFI must be connected to VSS and
pin PFO must be left open circuit.
8.6.4.1
Extra power fail detection when the battery switch over function is enabled
• When the power switches to the backup battery supply VBAT, the power fail
comparator is switched off and the power fail output at pin PFO goes (or remains)
LOW
• When the power switches back to the main VDD, the pin PFO is not driven LOW
anymore and is pulled HIGH through the external pull-up resistance for a certain time
(trec = 15.63 ms to 31.25 ms) and then the power fail comparator is enabled again
For illustration see Figure 10 and Figure 11.
V
th uvp
()
R
1
R
2
------
1
+
⎝⎠
⎛⎞
1.25V
×
=
Fig 10. PFO signal behavior when battery switch-over is enabled in standard mode and
Vth(uvp) >(VBAT,Vth(sw)bat)
001aaj319
internal power supply (= VBBS)
comparator
enabled
comparator
disabled
comparator
enabled
Vth(sw)bat
(= 2.5 V)
VBAT
VDD
VBBS
VBBS
Vth(uvp)
PF0
trec = [15.63 : 31.25] ms
VDD (= 0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com