Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09HSI-S043-R0-CHT Datasheet(PDF) 46 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 46 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 42Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 43Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 44Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 45Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 46Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 47Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 48Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 49Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 50Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 46
4. Single-ended Signals
4.1 Frequency-Domain Modeling
4.1.1 S parameters (connector only)
A 60-port single-ended Touchstone file was used as described in Section 3.1.1. The single-ended
pin assignment is shown in Figure 73. For our analyses, we consider ports 3-27 and ports 33-57.
Figure 74 shows the corresponding S-parameters for port 15, where the insertion loss (IL), return
loss (RL), and crosstalk can be clearly seen, and are summarized in Table 20.
Impedance and trace delay values for each of the 30 single-ended traces are shown in Table 21.
Figure 75 and Figure 76 show the absolute sum of near-end and far-end crosstalk, respectively.
Figure 73 Single-ended pin assignment
Figure 74 S-parameters for port 15 of connector only
FREQUENCY
(MHZ)
INSERTION LOSS
(DB)
RETURN LOSS
(DB)
WORST PAIR-TO-PAIR
NEXT (DB)
WORST PAIR-TO-PAIR
FEXT (DB)
400
-0.045
-34.12
-37.98
-44.92
533
-0.055
-32.06
-35.63
-42.54
800
-0.075
-29.32
-32.51
-39.23
Table 20 Summary of S-parameters for port 15 of connector only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com