Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09HSI-S043-R0-CHT Datasheet(PDF) 25 Page - Hirose Electric

Part # 09HSI-S043-R0-CHT
Description  IT3 Mezzanine Connector (25mm)
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

09HSI-S043-R0-CHT Datasheet(HTML) 25 Page - Hirose Electric

Back Button 09HSI-S043-R0-CHT Datasheet HTML 21Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 22Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 23Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 24Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 25Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 26Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 27Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 28Page - Hirose Electric 09HSI-S043-R0-CHT Datasheet HTML 29Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
Signal Integrity Report – IT3 (25mm)
Page 25
Figure 39 Differential S parameters (SDD) of 6" PCB traces.
Figure 40 RL profile for pair 8 of cascaded model of connector, vias and 76.2mm+76.2mm (3”+3”) PCB traces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com