Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10F222 Datasheet(PDF) 15 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 15 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 11Page - Microchip Technology 10F222 Datasheet HTML 12Page - Microchip Technology 10F222 Datasheet HTML 13Page - Microchip Technology 10F222 Datasheet HTML 14Page - Microchip Technology 10F222 Datasheet HTML 15Page - Microchip Technology 10F222 Datasheet HTML 16Page - Microchip Technology 10F222 Datasheet HTML 17Page - Microchip Technology 10F222 Datasheet HTML 18Page - Microchip Technology 10F222 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 13
PIC10F220/222
4.0
MEMORY ORGANIZATION
The PIC10F220/222 memories are organized into pro-
gram memory and data memory. Data memory banks
are accessed using the File Select Register (FSR).
4.1
Program Memory Organization for
the PIC10F220
The PIC10F220 devices have a 9-bit Program Counter
(PC) capable of addressing a 512 x 12 program
memory space.
Only the first 256 x 12 (0000h-00FFh) for the
PIC10F220
are
physically
implemented
(see
Figure 4-1). Accessing a location above these
boundaries will cause a wrap-around within the first
256 x 12 space (PIC10F220). The effective Reset
vector is at 0000h, (see Figure 4-1). Location 00FFh
(PIC10F220) contains the internal clock oscillator
calibration value. This value should never be
overwritten.
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC10F220
4.2
Program Memory Organization for
the PIC10F222
The PIC10F222 devices have a 10-bit Program
Counter (PC) capable of addressing a 1024 x 12
program memory space.
Only the first 512 x 12 (0000h-01FFh) for the Mem-
High are physically implemented (see Figure 4-2).
Accessing a location above these boundaries will
cause a wrap-around within the first 512 x 12 space
(PIC10F222). The effective Reset vector is at 0000h,
(see Figure 4-2). Location 01FFh (PIC10F222) con-
tains the internal clock oscillator calibration value.
This value should never be overwritten.
FIGURE 4-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC10F222
CALL, RETLW
PC<7:0>
Stack Level 1
Stack Level 2
9
0000h
01FFh
On-chip Program
Memory
Reset Vector(1)
Note
1:
Address 0000h becomes the
effective Reset vector. Location 00FFh
contains the MOVLW XX internal oscillator
calibration value.
256 Word
00FFh
0100h
<8:0>
CALL, RETLW
PC<8:0>
Stack Level 1
Stack Level 2
10
0000h
02FFh
Reset Vector(1)
Note
1:
Address 0000h becomes the effective
Reset vector. Location 01FFh contains the
MOVLW XX
internal oscillator calibration
value.
512 Words
01FFh
0200h
On-chip Program
Memory
<9:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com