Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10F222 Datasheet(PDF) 20 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 20 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 16Page - Microchip Technology 10F222 Datasheet HTML 17Page - Microchip Technology 10F222 Datasheet HTML 18Page - Microchip Technology 10F222 Datasheet HTML 19Page - Microchip Technology 10F222 Datasheet HTML 20Page - Microchip Technology 10F222 Datasheet HTML 21Page - Microchip Technology 10F222 Datasheet HTML 22Page - Microchip Technology 10F222 Datasheet HTML 23Page - Microchip Technology 10F222 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
PIC10F220/222
DS41270E-page 18
© 2007 Microchip Technology Inc.
4.6
OSCCAL Register
The Oscillator Calibration (OSCCAL) register is used to
calibrate the internal precision 4/8 MHz oscillator. It
contains seven bits for calibration
.
After you move in the calibration constant, do not
change the value. See Section 8.2.2 “Internal 4/8 MHz
Oscillator”.
Note:
Erasing the device will also erase the pre-
programmed internal calibration value for
the internal oscillator. The calibration
value must be read prior to erasing the
part so it can be reprogrammed correctly
later.
REGISTER 4-3:
OSCCAL – OSCILLATOR CALIBRATION REGISTER (ADDRESS: 05h)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
FOSC4
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
CAL<6:0>: Oscillator Calibration bits
0111111
= Maximum frequency
•
•
•
0000001
0000000
= Center frequency
1111111
•
•
•
1000000
= Minimum frequency
bit 0
FOSC4: INTOSC/4 Output Enable bit(1)
1
= INTOSC/4 output onto GP2
0
= GP2/T0CKI applied to GP2
Note 1:
Overrides GP2/T0CKI control registers when enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com