Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10F222 Datasheet(PDF) 19 Page - Microchip Technology

Part # 10F222
Description  High-Performance Microcontrollers with 8-bit A/D
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

10F222 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 10F222 Datasheet HTML 15Page - Microchip Technology 10F222 Datasheet HTML 16Page - Microchip Technology 10F222 Datasheet HTML 17Page - Microchip Technology 10F222 Datasheet HTML 18Page - Microchip Technology 10F222 Datasheet HTML 19Page - Microchip Technology 10F222 Datasheet HTML 20Page - Microchip Technology 10F222 Datasheet HTML 21Page - Microchip Technology 10F222 Datasheet HTML 22Page - Microchip Technology 10F222 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
© 2007 Microchip Technology Inc.
DS41270E-page 17
PIC10F220/222
4.5
OPTION Register
The OPTION register is a 8-bit wide, write-only register,
which contains various control bits to configure the
Timer0/WDT prescaler and Timer0.
The OPTION register is not memory mapped and is
therefore only addressable by executing the OPTION
instruction, the contents of the W register will be trans-
ferred to the OPTION register. A Reset sets the
OPTION<7:0> bits.
Note:
If TRIS bit is set to ‘0’, the wake-up on
change and pull-up functions are disabled
for that pin (i.e., note that TRIS overrides
Option control of GPPU and GPWU).
Note:
If the T0CS bit is set to ‘1’, it will override
the TRIS function on the T0CKI pin.
REGISTER 4-2:
OPTION REGISTER
W-1
W-1
W-1
W-1
W-1
W-1
W-1
W-1
GPWU
GPPU
T0CS
T0SE
PSA
PS2
PS1
PS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
GPWU: Enable Wake-up On Pin Change bit (GP0, GP1, GP3)
1
= Disabled
0
= Enabled
bit 6
GPPU: Enable Weak Pull-ups bit (GP0, GP1, GP3)
1
= Disabled
0
= Enabled
bit 5
T0CS: Timer0 Clock Source Select bit
1
= Transition on T0CKI pin (overrides TRIS on the T0CKI pin)
0
= Transition on internal instruction cycle clock, FOSC/4
bit 4
T0SE: Timer0 Source Edge Select bit
1
= Increment on high-to-low transition on the T0CKI pin
0
= Increment on low-to-high transition on the T0CKI pin
bit 3
PSA: Prescaler Assignment bit
1
= Prescaler assigned to the WDT
0
= Prescaler assigned to Timer0
bit 2-0
PS<2:0>: Prescaler Rate Select bits
000
001
010
011
100
101
110
111
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
1 : 256
1 : 1
1 : 2
1 : 4
1 : 8
1 : 16
1 : 32
1 : 64
1 : 128
Bit Value
Timer0 Rate WDT Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com