Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005RGZR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE62005RGZR Datasheet HTML 3Page - Texas Instruments CDCE62005RGZR Datasheet HTML 4Page - Texas Instruments CDCE62005RGZR Datasheet HTML 5Page - Texas Instruments CDCE62005RGZR Datasheet HTML 6Page - Texas Instruments CDCE62005RGZR Datasheet HTML 7Page - Texas Instruments CDCE62005RGZR Datasheet HTML 8Page - Texas Instruments CDCE62005RGZR Datasheet HTML 9Page - Texas Instruments CDCE62005RGZR Datasheet HTML 10Page - Texas Instruments CDCE62005RGZR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
/1:/2:HiZ
/1:/2:HiZ
ReferenceDivider
/1-/8
PRI_IN
SEC_IN
XTAL/
AUX_IN
1500MHz
LVPECL:1500MHz
LVDS:800MHz
LVCMOS:250MHz
1500MHz
Crystal:2MHz-40MHz
Smart
MUX1
Smart
MUX2
SmartMUX
Control
REF_SEL
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
Input Block
The Input Block includes a pair of Universal Input Buffers and an Auxiliary Input. The Input Block buffers the
incoming signals and facilitates signal routing to the Internal Clock Distribution bus and the Synthesizer Block via
the smart multiplexer (called the Smart MUX). The Internal Clock Distribution Bus connects to all output blocks
discussed in the next section. Therefore, a clock signal present on the Internal Clock Distribution bus can appear
on any or all of the device outputs. The CDCE62005 routes the PRI_IN and SEC_IN inputs directly to the Internal
Clock Distribution Bus. Additionally, it can divide these signals via the dividers present on the inputs and output
of the first stage of the Smart MUX.
Figure 5. CDCE62005 Input Block
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com