Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005RGZR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCE62005RGZR Datasheet HTML 17Page - Texas Instruments CDCE62005RGZR Datasheet HTML 18Page - Texas Instruments CDCE62005RGZR Datasheet HTML 19Page - Texas Instruments CDCE62005RGZR Datasheet HTML 20Page - Texas Instruments CDCE62005RGZR Datasheet HTML 21Page - Texas Instruments CDCE62005RGZR Datasheet HTML 22Page - Texas Instruments CDCE62005RGZR Datasheet HTML 23Page - Texas Instruments CDCE62005RGZR Datasheet HTML 24Page - Texas Instruments CDCE62005RGZR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
SPI _ CLK
Bit0
Bit1
Bit29
Bit30
Bit31
SPI _ LE
SPI _ MOSI
t
4
t
5
t
2
t
3
t
7
t
6
t
1
SPI _ CLK
SPI _ MOSI
SPI _ MISO
SPI _ LE
Bit30
Bit31
Bit0
Bit1
Bit2
t
4
t
5
t
2
t
3
t
7
t
6
t
8
t
9
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
SPI CONTROL INTERFACE TIMING
Figure 14. Timing Diagram for SPI Write Command
Figure 15. Timing Diagram for SPI Read Command
Table 4. SPI Bus Timing Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
fClock
Clock Frequency for the SPI_CLK
20
MHz
t1
SPI_LE to SPI_CLK setup time
10
ns
t2
SPI_MOSI to SPI_CLK setup time
10
ns
t3
SPI_MOSI to SPI_CLK hold time
10
ns
t4
SPI_CLK high duration
25
ns
t5
SPI_CLK low duration
25
ns
t6
SPI_CLK to SPI_LE Setup time
10
ns
t7
SPI_LE Pulse Width
20
ns
t8
SPI_MISO to SPI_CLK Data Valid (First Valid Bit after LE)
10
ns
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :CDCE62005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com