Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE62005RGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005RGZR
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005RGZR Datasheet(HTML) 1 Page - Texas Instruments

  CDCE62005RGZR Datasheet HTML 1Page - Texas Instruments CDCE62005RGZR Datasheet HTML 2Page - Texas Instruments CDCE62005RGZR Datasheet HTML 3Page - Texas Instruments CDCE62005RGZR Datasheet HTML 4Page - Texas Instruments CDCE62005RGZR Datasheet HTML 5Page - Texas Instruments CDCE62005RGZR Datasheet HTML 6Page - Texas Instruments CDCE62005RGZR Datasheet HTML 7Page - Texas Instruments CDCE62005RGZR Datasheet HTML 8Page - Texas Instruments CDCE62005RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Check for Samples: CDCE62005
1
FEATURES
•
Frequency Synthesizer With PLL/VCO and
–
Independent Coarse Skew Control on all
Partially Integrated Loop Filter.
Outputs, The coarse skew control does not
operate for reference input frequencies less
•
Fully Configurable Outputs Including
than 1 MHz
Frequency, Output Format, and Output Skew.
•
Flexible Inputs With Innovative Smart
•
Smart Input Multiplexer Automatically
Multiplexer Feature:
Switches Between One of Three Reference
Inputs.
–
Two Universal Differential Inputs Accept
Frequencies in the Range of 40 kHz to
•
Multiple Operational Modes Include Clock
1500 MHz (LVPECL), 800 MHz (LVDS), or
Generation via Crystal, SERDES Startup Mode,
250 MHz (LVCMOS).
Jitter Cleaning, and Oscillator Holdover Mode
–
One Auxiliary Input Accepts Crystals in the
•
Integrated EEPROM Determines Device
Range of 2 MHz–42 MHz
Configuration at Power-up
–
Clock Generator Mode Using Crystal Input.
•
Excellent Jitter Performance
–
Smart Input Multiplexer can be Configured
•
Integrated Frequency Synthesizer including
to Automatically Switch Between Highest
PLL, Multiple VCOs, and Loop Filter:
Priority Clock Source Available Allowing
–
Full Programmability Facilitates Phase
for Fail-safe Operation and Holdover
Noise Performance Optimization Enabling
Modes.
Jitter Cleaner Mode.
•
Typical Power Consumption 1.7W (See
–
Programmable Charge Pump Gain and
Table 44) at 3.3V
Loop Filter Settings
•
Integrated EEPROM Stores Default Settings;
–
Unique Dual-VCO Architecture Supports a
Therefore, The Device Can Power up in a
Wide Tuning Range 1.750 GHz–2.356 GHz
Known, Predefined State.
•
Universal Output Blocks Support up to 5
•
Offered in QFN-48 Package
Differential, 10 Single-ended, or Combinations
•
ESD Protection Exceeds 2kV HBM
of Differential or Single-ended:
•
Industrial Temperature Range –40°C to 85°C
–
0.35 ps RMS (10 kHz to 20 MHz) Output
Jitter Performance
APPLICATIONS
–
Low Output Phase Noise: –130 dBc/Hz at 1
•
Data Converter and Data Aggregation Clocking
MHz offset, Fc = 491.52 MHz
•
Wireless Infrastructure
–
Output Frequency Ranges From 4.25 MHz
•
Switches and Routers
to 1.175 GHz in Synthesizer Mode
•
Medical Electronics
–
Output Frequency up to 1.5 GHz in Fan-out
•
Military and Aerospace
Mode
•
Industrial
–
LVPECL, LVDS, LVCMOS, and Special High
•
Clock Generation and Jitter Cleaning
Output Swing Modes
–
Independent Output Dividers Support
Divide Ratios from 1–80, Non-continuous
values supported.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCE62005RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
3:5 Clock Generator
More results

Similar Description - CDCE62005RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
9/15-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com