Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4778CZ38/V Datasheet(PDF) 17 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 13Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 14Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 15Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 16Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 17Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 18Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 19Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 20Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
17 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
10.7 Application schematic
Figure 14 shows a typical application where the IP4778CZ38 provides a simplified
interface to an HDMI port. This application requires only a few external components to
adapt the HDMI port to the parameters of the HDMI receiver device or HDMI multiplexer.
Fig 14. Schematic of IP4778CZ38 application
001aah830
1.5
k
Ω
1.5
k
Ω
100
k
Ω
100
Ω
100
Ω
47
k
Ω
1
µF
1 k
Ω
47
k
Ω
27
k
Ω
BAV40
1
2
ENABLE
u/c: >3V3 = enabled
0V = disabled
4
TMDS_D2+
5
TMDS_D2
−
7
TMDS_D1+
8
TMDS_D1
−
10
IP4778CZ38
EDID
TMDS_D0+
11
12
TMDS_D0
−
13
TMDS_CLK+
14
TMDS_CLK
−
16
CEC_IN
17
DDC_CLK_IN
18
DDC_DAT_IN
19
37
HDMI
CONNECTOR
VCC(5V0)
VCC(3V3)
35
34
32
31
29
28
3, 6, 9, 12, 15,
24, 27, 30, 33, 36
TMDS_D2+
TMDS_D2
−
TMDS_D1+
TMDS_D1
−
TMDS_D0+
TMDS_D0
−
TMDS_CLK+
TMDS_CLK
−
CEC
DDC_CLK
DDC_DAT
HOTPLUG_DET
+5 V
26
25
23
7, 8
6
5
1, 2, 3, 4
22
21
20
HOT_PLUG_DET_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com