Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4778CZ38/V Datasheet(PDF) 19 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 15Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 16Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 17Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 18Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 19Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 20Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 21Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 22Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
19 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
11. Test information
See Table 10 for test data.
Rterm = termination resistance should be equal to output impedance Zo of the pulse generator.
RL = load resistance.
CL = load capacitance.
Fig 16. Test circuit for DDC and CEC lines
Table 10.
Test data
Test
RL
CL
VCC
DDC lines
1.35 k
Ω
50 pF
VCC(5V0)
CEC line
27 k
Ω
50 pF
VCC(3V3)
001aah468
DUT
Rterm
VCC
VCC(3V3)
VI
RL
CL
VCC(5V0)
VO
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com