Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP4778CZ38/V Datasheet(PDF) 18 Page - NXP Semiconductors

Part # IP4778CZ38/V
Description  HDMI ESD protection, DDC buffering and hot plug control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IP4778CZ38/V Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button IP4778CZ38/V Datasheet HTML 14Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 15Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 16Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 17Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 18Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 19Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 20Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 21Page - NXP Semiconductors IP4778CZ38/V Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
IP4778CZ38_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 12 February 2009
18 of 26
NXP Semiconductors
IP4778CZ38
HDMI ESD protection, DDC buffering and hot plug control
10.8 Typical application
This application ensures that the EDID (stored in the EEPROM) can be read out in
Standby mode, even if long cables are used, to guarantee correct CEC wake-up handling.
To wake up the system from Standby to normal operation, the HDMI source has to first
read the EDID in order to hand over the port ID via the CEC protocol. This ensures that
the HDMI starts up and switches to the correct HDMI port to display the HDMI source
which initiated the CEC wake-up sequence.
The CEC-bus is enabled by activating the VCC(3V3) standby supply.
The RF routing optimized pin position variant allows optimum design layout of the RF
routing micro strips to ensure that the impedance of the TMDS lines remain within the
specification limits. Part of the microstrips comprise a solid ground plane which is located
beneath the device.
Fig 15. Application showing optimized PCB microstrip lines
8765
1234
EDID
001aag049
IP4778CZ38
HDMI
connector
1
2
3
4
5
6
7
8
9
10
TMDS_D2+
TMDS_D2
−
TMDS_D1+
TMDS_D1
−
TMDS_D0+
TMDS_D0
−
TMDS_CLK+
TMDS_CLK
−
CEC_IN
DDC_CLK_IN
DDC_DAT_IN
HOT_PLUG_DET_IN
11
12
13
14
15
16
17
18
+3.3 V
19
19
1
Rdata
1.5 k
Ω
Rclock
1.5 k
Ω
RCEC
100 k
Ω
RCEC
27 k
Ω
Rdata
47 k
Ω
Rclock
47 k
Ω
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
ENABLE
VCC(5V0)
VCC(3V3) stand by
TMDS_D2+
TMDS_GND
TMDS_D2
−
TMDS_D1+
TMDS_GND
TMDS_D1
−
TMDS_D0+
TMDS_GND
TMDS_D0
−
TMDS_CLK+
TMDS_GND
TMDS_CLK
−
CEC
n.c.
DDC_CLK
DDC_DAT
GND
+5 V
HOTPLUG_DET
RDDC
100
Ω
RHP
1 k
Ω
+5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com