Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2880 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2880 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2880 Datasheet HTML 1Page - NXP Semiconductors LPC2880 Datasheet HTML 2Page - NXP Semiconductors LPC2880 Datasheet HTML 3Page - NXP Semiconductors LPC2880 Datasheet HTML 4Page - NXP Semiconductors LPC2880 Datasheet HTML 5Page - NXP Semiconductors LPC2880 Datasheet HTML 6Page - NXP Semiconductors LPC2880 Datasheet HTML 7Page - NXP Semiconductors LPC2880 Datasheet HTML 8Page - NXP Semiconductors LPC2880 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
LPC2880_LPC2888_3
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 03 — 17 April 2008
2 of 43
NXP Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
I 10-bit ADC with 5-channel input multiplexing
I 16-bit stereo ADC and DACs with gain control
I Advanced clock generation and power control reduce power consumption
I Two 32-bit timers with selectable prescalers
I 8-bit/4-bit LCD interface bus
I Real-Time Clock (RTC) can be clocked by 32 kHz oscillator or another source
I Watchdog timer with interrupt and/or reset capabilities
3.
Ordering information
3.1 Ordering options
[1]
JTAG interface disabled to provide code read protection. These devices are meant for volume production (no JTAG debugging is
possible). The on-chip flash on these devices can only be programmed via USB.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2880FET180
TFBGA180
plastic thin fine-pitch ball grid array package;
180 balls; body 10
× 10 × 0.8 mm
SOT640-1
LPC2888FET180/01
TFBGA180
plastic thin fine-pitch ball grid array package;
180 balls; body 10
× 10 × 0.8 mm
SOT640-1
LPC2888FET180/D1
TFBGA180
plastic thin fine-pitch ball grid array package;
180 balls; body 10
× 10 × 0.8 mm
SOT640-1
Table 2.
Ordering options
Type number
Flash memory
JTAG interface
RAM
Temperature range
LPC2880FET180
-
enabled
64 kB
−40 °C to +85 °C
LPC2888FET180/01
1 MB
enabled
64 kB
−40 °C to +85 °C
LPC2888FET180/D1
1 MB
disabled[1]
64 kB
−40 °C to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com