Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2880 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2880 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2880 Datasheet HTML 9Page - NXP Semiconductors LPC2880 Datasheet HTML 10Page - NXP Semiconductors LPC2880 Datasheet HTML 11Page - NXP Semiconductors LPC2880 Datasheet HTML 12Page - NXP Semiconductors LPC2880 Datasheet HTML 13Page - NXP Semiconductors LPC2880 Datasheet HTML 14Page - NXP Semiconductors LPC2880 Datasheet HTML 15Page - NXP Semiconductors LPC2880 Datasheet HTML 16Page - NXP Semiconductors LPC2880 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
LPC2880_LPC2888_3
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 03 — 17 April 2008
13 of 43
NXP Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
The boot code in this ROM reads the state of the mode inputs and accordingly does one
of the following:
• Starts execution in internal flash
• Starts execution in external memory
• Performs a hardware self-test, or
• Downloads code from the USB interface into on-chip RAM and transfers control to the
downloaded code
6.2 Memory map
The LPC2880/2888 memory map incorporates several distinct regions, as shown in
Figure 3. When an application is running, the CPU interrupt vectors are remapped to allow
them to reside in on-chip SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com